Electronic Components Datasheet Search
  English  ▼

X  

ADP3408 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3408 Datasheet HTML 4Page - Analog Devices ADP3408 Datasheet HTML 5Page - Analog Devices ADP3408 Datasheet HTML 6Page - Analog Devices ADP3408 Datasheet HTML 7Page - Analog Devices ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices ADP3408 Datasheet HTML 10Page - Analog Devices ADP3408 Datasheet HTML 11Page - Analog Devices ADP3408 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
ADP3408
–8–
LOAD
20mA
VSIM
5mV/DIV
3mA
TIME – 200 s/DIV
TPC 10. VSIM Load Step
TIME – 200 s/DIV
LOAD
130mA
VAN
10mV/DIV
10mA
TPC 13. VAN Load Step
TIME – 20 s/DIV
PWRONIN (2V/DIV)
VAN (100mV/DIV)
VSIM (100mV/DIV)
VCORE (100mV/DIV)
TPC 16. Turn On Transient by
PWRONIN, Maximum Load (Part 1)
TIME – 200 s/DIV
LOAD
60mA
VMEM
10mV/DIV
5mA
TPC 11. VMEM Load Step
TIME – 400 s/DIV
PWRONIN (2V/DIV)
VAN (100mV/DIV)
VSIM (100mV/DIV)
VCORE (100mV/DIV)
TPC 14. Turn On Transient by
PWRONIN, Minimum Load (Part 1)
TIME – 20 s/DIV
PWRONIN (2V/DIV)
REFOUT
(100mV/DIV)
VMEM (100mV/DIV)
VTCXO (100mV/DIV)
TPC 17. Turn On Transient by
PWRONIN, Maximum Load (Part 2)
TIME – 200 s/DIV
LOAD
100mA
VCORE
10mV/DIV
10mA
TPC 12. VCORE Load Step
TIME – 100 s/DIV
PWRONIN (2V/DIV)
REFOUT
(100mV/DIV)
VMEM (100mV/DIV)
VTCXO (100mV/DIV)
TPC 15. Turn On Transient by
PWRONIN, Minimum Load (Part 2)
FREQUENCY – Hz
80
70
0
60
50
10
40
30
20
4
100k
10
100
1k
10k
VTCXO
VAN
VCORE
REFOUT
MLCC OUTPUT CAPS
VBAT = 3.2V, FULL LOADS
TPC 18. Ripple Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com