Electronic Components Datasheet Search
  English  ▼

X  

ADP3408 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 2 Page - Analog Devices

  ADP3408 Datasheet HTML 1Page - Analog Devices ADP3408 Datasheet HTML 2Page - Analog Devices ADP3408 Datasheet HTML 3Page - Analog Devices ADP3408 Datasheet HTML 4Page - Analog Devices ADP3408 Datasheet HTML 5Page - Analog Devices ADP3408 Datasheet HTML 6Page - Analog Devices ADP3408 Datasheet HTML 7Page - Analog Devices ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP3408–SPECIFICATIONS1
REV. 0
–2–
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SHUTDOWN SUPPLY CURRENT
ICC
VBAT
≤ 2.5 V
VBAT = VBAT2 = 2.3 V
7
20
µA
(Deep Discharged Lockout Active)
2.5 V < VBAT
≤ 3.2 V
VBAT = VBAT2 = 3.0 V
30
55
µA
(UVLO Active)
VBAT > 3.2 V
VBAT = VBAT2 = 4.0 V
45
80
µA
OPERATING GROUND CURRENT
IGND
VBAT = 3.6 V
VSIM, VCORE, VMEM, VRTC On
Minimum Loads
225
300
µA
All LDOs On
Minimum Loads
345
450
µA
Maximum Loads
1.0
3.0
% of max
load
current
UVLO ON THRESHOLD
VBAT
3.2
3.3
V
UVLO HYSTERESIS
VBAT
200
mV
DEEP DISCHARGED LOCKOUT ON
VBAT
2.4
2.75
V
THRESHOLD
DEEP DISCHARGED LOCKOUT
VBAT
100
mV
HYSTERESIS
INPUT HIGH VOLTAGE
VIH
2.0
V
(PWRONIN, TCXOEN, SIMEN,
CHGEN, GATEIN)
INPUT LOW VOLTAGE
VIL
0.4
V
(PWRONIN, TCXOEN, SIMEN,
CHGEN, GATEIN)
INPUT HIGH BIAS CURRENT
IIH
1.0
µA
(PWRONIN, TCXOEN, SIMEN,
CHGEN, GATEIN)
INPUT LOW BIAS CURRENT
IIL
–1.0
µA
(PWRONIN, TCXOEN, SIMEN,
CHGEN, GATEIN)
PWRONKEY INPUT HIGH VOLTAGE
VIH
0.7
× VBAT
V
PWRONKEY INPUT LOW VOLTAGE
VIL
0.3
× VBAT V
PWRONKEY INPUT PULL-UP
70
100
130
k
Ω
RESISTANCE TO VBAT
THERMAL SHUTDOWN THRESHOLD
2
160
ºC
THERMAL SHUTDOWN HYSTERESIS
45
ºC
ROWX CHARACTERISTICS
ROWX Output Low Voltage
VOL
PWRONKEY = Low
IOL = 200
µA
0.4
V
ROWX Output High Leakage
IIH
PWRONKEY = High
Current
V(ROWX) = 5 V
1
µA
SIM CARD LDO (VSIM)
Output Voltage
VSIM
Line, Load, Temp
2.80
2.85
2.92
V
Line Regulation
∆VSIM
Min Load
2
mV
Load Regulation
∆VSIM
50
µA ≤ ILOAD ≤ 20 mA,
1
mV
VBAT = 3.6 V
Output Capacitor Required for Stability
CO
2.2
µF
Dropout Voltage
VDO
VO = VINITIAL – 100 mV,
ILOAD = 20 mA
35
100
mV
DIGITAL CORE LDO (VCORE)
Output Voltage
ADP3408ARU-2.5
VCORE
Line, Load, Temp
2.40
2.45
2.50
V
ADP3408ARU-1.8
VCORE
Line, Load, Temp
1.75
1.80
1.85
V
Line Regulation
∆VCORE
Min Load
2
mV
Load Regulation
∆VCORE
50
µA ≤ ILOAD ≤ 100 mA,
7
mV
VBAT = 3.6 V
Output Capacitor Required for Stability
CO
2.2
µF
(–20 C
≤ TA ≤ +85 C, VBAT = VBAT2 = 3 V–5.5 V, CVSIM = CVCORE = CVAN =
CVMEM = 2.2
F, VTCXO = 0.22
F, CVRTC = 0.1
F, CVBAT = 10
F, minimum loads applied on all outputs, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com