Electronic Components Datasheet Search
  English  ▼

X  

ADP3408 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3408 Datasheet HTML 5Page - Analog Devices ADP3408 Datasheet HTML 6Page - Analog Devices ADP3408 Datasheet HTML 7Page - Analog Devices ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices ADP3408 Datasheet HTML 10Page - Analog Devices ADP3408 Datasheet HTML 11Page - Analog Devices ADP3408 Datasheet HTML 12Page - Analog Devices ADP3408 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
–9–
ADP3408
VBAT – V
80
0
70
40
30
20
10
60
50
2.5
3.3
2.6
2.7
2.8
2.9
3.0
3.1
3.2
FREQUENCY =
217Hz MAX LOADS
VTCXO
REFOUT
VCORE
VAN
VMEM
VSIM
TPC 19. Ripple Rejection vs. Battery
Voltage
ILOAD – mA
4.24
4.23
4.22
4.21
4.20
0
200
400
600
800
VIN = 5.0V
RSENSE = 250m
TPC 22. Charger VOUT vs. ILOAD
(VIN = 5.0 V)
FREQUENCY – Hz
600
500
200
100
0
400
300
10
100k
100
1k
10k
FULL LOAD
MLCC CAPS
VAN
REF
TCXO
TPC 20. Output Noise Density
INPUT VOLTAGE – V
4.24
4.23
4.22
4.21
4.20
56789
10
ILOAD = 500mA
ILOAD = 10mA
RSENSE = 250m
TPC 23. Charger VOUT vs. VIN
TEMPERATURE – C
4.25
4.24
4.23
4.22
4.21
4.20
4.19
4.18
4.17
4.16
4.15
40
–20
0
20
60
80
100 120
–40
TPC 21. Charger VOUT vs. Tempera-
ture, VIN = 5.0 V, ILOAD = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com