Electronic Components Datasheet Search
  English  ▼

X  

ADP3408 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 3 Page - Analog Devices

  ADP3408 Datasheet HTML 1Page - Analog Devices ADP3408 Datasheet HTML 2Page - Analog Devices ADP3408 Datasheet HTML 3Page - Analog Devices ADP3408 Datasheet HTML 4Page - Analog Devices ADP3408 Datasheet HTML 5Page - Analog Devices ADP3408 Datasheet HTML 6Page - Analog Devices ADP3408 Datasheet HTML 7Page - Analog Devices ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
–3–
ADP3408
Parameter
Symbol
Condition
Min
Typ
Max
Unit
RTC LDO
REAL-TIME CLOCK LDO/
COIN CELL CHARGER (VRTC)
Maximum Output Voltage
ADP3408ARU-2.5
VRTC
1
µA ≤ ILOAD ≤ 10 µA
2.39
2.45
2.51
V
ADP3408ARU-1.8
VRTC
1
µA ≤ ILOAD ≤ 10 µA
1.80
1.95
2.1
V
Off Reverse Input Current
IL
VBAT = 2.15 V, TA = 25
°C
0.5
µA
Output Capacitor Required for Stability
CO
0.1
µF
ANALOG LDO (VAN)
Output Voltage
VAN
Line, Load, Temp
2.40
2.45
2.50
V
Line Regulation
∆VAN
Min Load
2
mV
Load Regulation
∆VAN
50
µA ≤ ILOAD ≤ 130 mA,
8
mV
VBAT = 3.6 V
Output Capacitor Required for Stability
CO
2.2
µF
Ripple Rejection
∆VBAT/
f = 217 Hz
65
dB
∆VAN3
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
80
µV rms
ILOAD = 130 mA
VBAT = 3.6 V
TCXO LDO (VTCXO)
Output Voltage
VTCXO
Line, Load, Temp
2.66
2.715
2.77
V
Line Regulation
∆VTCXO
Min Load
2
mV
Load Regulation
∆VTCXO
50
µA ≤ ILOAD ≤ 20 mA,
1
mV
VBAT = 3.6 V
Output Capacitor Required for Stability
CO
0.22
µF
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
160
310
mV
ILOAD = 20 mA
Ripple Rejection
∆VBAT/
f = 217 Hz
65
dB
∆VTCXO
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
80
µV rms
ILOAD = 20 mA,
VBAT = 3.6 V
MEMORY LDO (VMEM)
Output Voltage
VMEM
Line, Load, Temp
2.744
2.80
2.856
V
Line Regulation
∆VMEM
Min Load
2mV
Load Regulation
∆VMEM
50
µA < I
LOAD < 60 mA,
3
mV
VBAT = 3.6 V
mV
Output Capacitor Required for Stability
CO
2.2
µF
Dropout Voltage
80
180
mV
REFOUT
Output Voltage
VREFOUT
Line, Load, Temp
1.19
1.210
1.23
V
Line Regulation
∆VREFOUT
Min Load
0.2
mV
Load Regulation
∆VREFOUT
0
µA < I
LOAD < 50
µA
0.5
mV
VBAT = 3.6 V
Ripple Rejection
∆VBAT/
f = 217 Hz
65
75
dB
∆VREFOUT
VBAT = 3.6 V, ILOAD = 50
µA
Maximum Capacitive Load
CO
100
pF
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz,
40
µV rms
VBAT = 3.6 V
RESET GENERATOR (RESET)
Output High Voltage
VOH
IOH = 500
µAVMEM – 0.25
V
Output Low Voltage
VOL
IOL = –500
µA
0.25
V
Output Current
IOL/IOH
VOL = 0.25 V,
1
mA
VOH = VMEM – 0.25 V
Delay Time per Unit Capacitance
TD
0.6
1.2
2.4
ms/nF
Applied to RESCAP Pin
BATTERY VOLTAGE DIVIDER
Divider Ratio
BATSNS/MVBAT
TCXOEN = High
2.32
2.35
2.37
k
Ω
Divider Impedance at MVBAT
ZO
59.5
85
110
k
Ω
Divider Leakage Current
TCXOEN = Low
1
µA
Divider Resistance
TCXOEN = High
215
300
385
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com