Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-2191
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-2191 Datasheet HTML 1Page - Analog Devices ADSP-2191 Datasheet HTML 2Page - Analog Devices ADSP-2191 Datasheet HTML 3Page - Analog Devices ADSP-2191 Datasheet HTML 4Page - Analog Devices ADSP-2191 Datasheet HTML 5Page - Analog Devices ADSP-2191 Datasheet HTML 6Page - Analog Devices ADSP-2191 Datasheet HTML 7Page - Analog Devices ADSP-2191 Datasheet HTML 8Page - Analog Devices ADSP-2191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
a
DSP Microcomputer
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel:781/329-4700
www.analog.com
Fax:781/326-8703
©
Analog Devices, Inc., 2002
REV. 0
ADSP-2191M
PERFORMANCE FEATURES
6.25 ns Instruction Cycle Time, for up to 160 MIPS
Sustained Performance
ADSP-218x Family Code Compatible with the Same
Easy to Use Algebraic Syntax
Single-Cycle Instruction Execution
Single-Cycle Context Switch between Two Sets of Com-
putation and Memory Instructions
Instruction Cache Allows Dual Operand Fetches in Every
Instruction Cycle
Multifunction Instructions
Pipelined Architecture Supports Efficient Code
Execution
Architectural Enhancements for Compiled C and C++
Code Efficiency
Architectural Enhancements beyond ADSP-218x Family
are Supported with Instruction Set Extensions for
Added Registers, and Peripherals
Flexible Power Management with User-Selectable
Power-Down and Idle Modes
FUNCTIONAL BLOCK DIAGRAM
DATA
ADDRESS
DATA
ADDRESS
2
SYSTEM INTERRUPT CONTROLLER
I/O DATA
SERIAL PORTS
(3)
SPI PORTS
(2)
18
I/O REGISTERS
(MEMORY-MAPPED)
CONTROL
STATUS
BUFFERS
I/O PROCESSOR
CACHE
64
24-BIT
JTAG
TEST &
EMULATION
6
ADDR BUS
MUX
DATA BUS
MUX
16
22
PM ADDRESS BUS
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
PX
24
16
ADSP-219x
DSP CORE
PROGRAM
SEQUENCER
DATA
REGISTER
FILE
MULT
BARREL
SHIFTER
ALU
UART PORT
(1)
DMA
CONTROLLER
6
INPUT
REGISTERS
RESULT
REGISTERS
16
16-BIT
HOST PORT
24
DAG1
4
4
16
DAG2
4
4
16
INTERNAL MEMORY
24
24
ADDRESS
DATA
DATA
ADDRESS
24 BIT
16 BIT
16 BIT
FOUR INDEPENDENT BLOCKS
PROGRAMMABLE
FLAGS (16)
TIMERS (3)
3
DMA
CONNECT
DMA ADDRESS
EXTERNAL PORT
24 BIT
18
I/O ADDRESS
24
16
24
DMA DATA


Similar Part No. - ADSP-2191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
728Kb / 52P
DSP Microcomputer
REV. 0
ADSP-2191MBST-140 AD-ADSP-2191MBST-140 Datasheet
728Kb / 52P
DSP Microcomputer
REV. 0
ADSP-2191MBSTZ-140 AD-ADSP-2191MBSTZ-140 Datasheet
728Kb / 52P
DSP Microcomputer
REV. 0
ADSP-2191MKCA-160 AD-ADSP-2191MKCA-160 Datasheet
728Kb / 52P
DSP Microcomputer
REV. 0
ADSP-2191MKST-160 AD-ADSP-2191MKST-160 Datasheet
728Kb / 52P
DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
DSP Microcomputer
REV.C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
DSP Microcomputer
REV.0
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
DSP Microcomputer
REV.0
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
DSP Microcomputer
REV. 0
ADSP-21065LKSZ-240 AD-ADSP-21065LKSZ-240 Datasheet
588Kb / 44P
DSP Microcomputer
REV. C
ADSP-2184NKSTZ-320 AD-ADSP-2184NKSTZ-320 Datasheet
1Mb / 48P
DSP Microcomputer
REV. A
ADSP-2185NKSTZ-320 AD-ADSP-2185NKSTZ-320 Datasheet
1Mb / 48P
DSP Microcomputer
REV. A
ADSP-2187LBSTZ-210 AD-ADSP-2187LBSTZ-210 Datasheet
630Kb / 48P
DSP Microcomputer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com