Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191 Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-2191
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-2191 Datasheet HTML 5Page - Analog Devices ADSP-2191 Datasheet HTML 6Page - Analog Devices ADSP-2191 Datasheet HTML 7Page - Analog Devices ADSP-2191 Datasheet HTML 8Page - Analog Devices ADSP-2191 Datasheet HTML 9Page - Analog Devices ADSP-2191 Datasheet HTML 10Page - Analog Devices ADSP-2191 Datasheet HTML 11Page - Analog Devices ADSP-2191 Datasheet HTML 12Page - Analog Devices ADSP-2191 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
–9–
REV. 0
ADSP-2191M
each byte access that does not start a read or complete a write.
Otherwise, the Host port interface asserts ACK when it has
completed the memory access successfully.
DSP Serial Ports (SPORTs)
The ADSP-2191M incorporates three complete synchronous
serial ports (SPORT0, SPORT1, and SPORT2) for serial and
multiprocessor communications. The SPORTs support the
following features:
• Bidirectional operation—each SPORT has independent
transmit and receive pins.
• Double-buffered transmit and receive ports—each port
has a data register for transferring data words to and from
memory and shift registers for shifting data in and out of
the data registers.
• Clocking—each transmit and receive port can either use
an external serial clock (
40 MHz) or generate its own, in
frequencies ranging from 19 Hz to 40 MHz.
• Word length—each SPORT supports serial data words
from 3 to 16 bits in length transferred in Big Endian
(MSB) or Little Endian (LSB) format.
• Framing—each transmit and receive port can run with or
without frame sync signals for each data word. Frame sync
signals can be generated internally or externally, active
high or low, and with either of two pulsewidths and early
or late frame sync.
• Companding in hardware—each SPORT can perform
A-law or µ-law companding according to ITU recommen-
dation G.711. Companding can be selected on the
transmit and/or receive channel of the SPORT without
additional latencies.
• DMA operations with single-cycle overhead—each
SPORT can automatically receive and transmit multiple
buffers of memory data, one data word each DSP cycle.
Either the DSP’s core or a Host processor can link or chain
sequences of DMA transfers between a SPORT and
memory. The chained DMA can be dynamically allocated
and updated through the DMA descriptors (DMA
transfer parameters) that set up the chain.
• Interrupts—each transmit and receive port generates an
interrupt upon completing the transfer of a data word or
after transferring an entire data buffer or buffers through
DMA.
• Multichannel capability—each SPORT supports the
H.100 standard.
Serial Peripheral Interface (SPI) Ports
The DSP has two SPI-compatible ports that enable the DSP to
communicate with multiple SPI-compatible devices. These ports
are multiplexed with SPORT2, so either SPORT2 or the SPI
ports are active, depending on the state of the OPMODE pin
during hardware reset.
The SPI interface uses three pins for transferring data: two data
pins (Master Output-Slave Input, MOSIx, and Master
Input-Slave Output, MISOx) and a clock pin (Serial Clock,
SCKx). Two SPI chip select input pins (
SPISSx) let other SPI
devices select the DSP, and fourteen SPI chip select output pins
(SPIxSEL7–1) let the DSP select other SPI devices. The SPI
select pins are reconfigured Programmable Flag pins. Using these
pins, the SPI ports provide a full duplex, synchronous serial inter-
face, which supports both master and slave modes and
multimaster environments.
Each SPI port’s baud rate and clock phase/polarities are program-
mable (see equation below for SPI clock rate calculation), and
each has an integrated DMA controller, configurable to support
both transmit and receive data streams. The SPI’s DMA control-
ler can only service unidirectional accesses at any given time.
During transfers, the SPI ports simultaneously transmit and
receive by serially shifting data in and out on their two serial data
lines. The serial clock line synchronizes the shifting and sampling
of data on the two serial data lines.
UART Port
The UART port provides a simplified UART interface to another
peripheral or Host. It performs full duplex, asynchronous
transfers of serial data. Options for the UART include support
for 5–8 data bits; 1 or 2 stop bits; and none, even, or odd parity.
The UART port supports two modes of operation:
• Programmed I/O
The DSP’s core sends or receives data by writing or
reading I/O-mapped THR or RBR registers, respectively.
The data is double-buffered on both transmit and receive.
• DMA (direct memory access)
The DMA controller transfers both transmit and receive
data. This reduces the number and frequency of inter-
rupts required to transfer data to and from memory. The
UART has two dedicated DMA channels. These DMA
channels have lower priority than most DMA channels
because of their relatively low service rates.
The UART’s baud rate (see following equation for UART clock
rate calculation), serial data format, error code generation and
status, and interrupts are programmable:
• Supported bit rates range from 9.5 bits to 5M bits per
second (80 MHz peripheral clock).
• Supported data formats are 7- to 12-bit frames.
• Transmit and receive status can be configured to generate
maskable interrupts to the DSP’s core.
The timers can be used to provide a hardware-assisted autobaud
detection mechanism for the UART interface.
Where D is the programmable divisor = 1 to 65536.
SPI Clock Rate
HCLK
2
SPIBAUD
×
---------------------------------------
=
UART Clock Rate
HCLK
16
D
×
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com