Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-2191
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-2191 Datasheet HTML 14Page - Analog Devices ADSP-2191 Datasheet HTML 15Page - Analog Devices ADSP-2191 Datasheet HTML 16Page - Analog Devices ADSP-2191 Datasheet HTML 17Page - Analog Devices ADSP-2191 Datasheet HTML 18Page - Analog Devices ADSP-2191 Datasheet HTML 19Page - Analog Devices ADSP-2191 Datasheet HTML 20Page - Analog Devices ADSP-2191 Datasheet HTML 21Page - Analog Devices ADSP-2191 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
ADSP-2191M
–18–
REV. 0
SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Parameter1
1Specifications subject to change without notice.
Test Conditions
K Grade (Commercial)
Min
Max
B Grade (Industrial)
Min
Max
Unit
VDDINT
Internal (Core) Supply
Voltage
2.37
2.63
2.37
2.63
V
VDDEXT
External (I/O) Supply
Voltage
2.97
3.6
2.97
3.6
V
VIH
High Level Input Voltage
@ VDDINT = max,
VDDEXT = max
2.0
VDDEXT+0.3 2.0
VDDEXT+0.3 V
VIL
Low Level Input Voltage
@ VDDINT = min,
VDDEXT = min
–0.3
0.8
–0.3
0.8
V
TAMB
Ambient Operating
Temperature
070
– 40
+ 85
ºC
ELECTRICAL CHARACTERISTICS
Parameter1
1Specifications subject to change without notice.
Test Conditions
K and B Grades
Min
Typ
Max
Unit
VOH
High Level Output Voltage2
2Applies to output and bidirectional pins: DATA15–0, ADDR21–0, HAD15–0, MS3–0, IOMS, RD, WR, CLKOUT, HACK, PF7–0, TMR2–0, BGH,
BG, DT0, DT1, DT2/MISO0, TCLK0, TCLK1, TCLK2/SCK0, RCLK0, RCLK1, RCLK2/SCK1, TFS0, TFS1, TFS2/MOSI0, RFS0, RFS1,
RFS2/MOSI1,
BMS, TDO, TXD, EMU, DR2/MISO1.
@ VDDEXT = min,
IOH = –0.5 mA
2.4
V
VOL
Low Level Output Voltage
2
@ VDDEXT = min,
IOL = 2.0 mA
0.4
V
IIH
High Level Input Current3, 4
3Applies to input pins: ACK, BR, HCMS, HCIOMS, HA16, HALE, HRD, HWR, CLKIN, DR0, DR1, RXD, HACK_P.
4Applies to input pins with internal pull-ups: BMODE0, BMODE1, OPMODE, BYPASS, TCK, TMS, TDI, RESET.
@ VDDEXT = max,
VIN = VDD max
10
µA
IIL
Low Level Input Current
3, 5
5Applies to input pin with internal pull-down: TRST.
@ VDDEXT = max,
VIN = 0 V
10
µA
IIHP
High Level Input Current5
@ VDDEXT = max,
VIN = VDD max
30
100
µA
IILP
Low Level Input Current
4
@ VDDEXT = max,
VIN = 0 V
20
70
µA
IOZH
Three-State Leakage Current6
6Applies to three-statable pins: DATA15–0, ADDR21–0, MS3–0, RD, WR, PF7–0, BMS, IOMS, TFSx, RFSx, TDO, EMU, TCLKx, RCLKx, DTx,
HAD15–0, TMR2–0.
@ VDDEXT = max,
VIN = VDD max
10
µA
IOZL
Three-State Leakage Current
6
@ VDDEXT = max,
VIN = 0 V
10
µA
CIN
Input Capacitance7, 8
7Applies to all signal pins.
8Guaranteed, but not tested.
fIN = 1 MHz,
TCASE = 25°C,
VIN = 2.5 V
8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com