Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191 Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-2191
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-2191 Datasheet HTML 16Page - Analog Devices ADSP-2191 Datasheet HTML 17Page - Analog Devices ADSP-2191 Datasheet HTML 18Page - Analog Devices ADSP-2191 Datasheet HTML 19Page - Analog Devices ADSP-2191 Datasheet HTML 20Page - Analog Devices ADSP-2191 Datasheet HTML 21Page - Analog Devices ADSP-2191 Datasheet HTML 22Page - Analog Devices ADSP-2191 Datasheet HTML 23Page - Analog Devices ADSP-2191 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
ADSP-2191M
–20–
REV. 0
TIMING SPECIFICATIONS
This section contains timing information for the DSP’s external signals. Use the exact information given. Do not attempt to derive
parameters from the addition or subtraction of other information. While addition or subtraction would yield meaningful results for an
individual device, the values given in this datasheet reflect statistical variations and worst cases. Consequently, parameters cannot be
added meaningfully to derive longer times.
Switching characteristics specify how the processor changes its signals. No control is possible over this timing; circuitry external to the
processor must be designed for compatibility with these signal characteristics. Switching characteristics indicate what the processor
will do in a given circumstance. Switching characteristics can also be used to ensure that any timing requirement of a device connected
to the processor (such as memory) is satisfied.
Timing requirements apply to signals that are controlled by circuitry external to the processor, such as the data input for a read
operation.Timing requirements guarantee that the processor operates correctly with other devices.
Clock In and Clock Out Cycle Timing
Table 9 and Figure 8 describe clock and reset operations. Combinations of CLKIN and clock multipliers must not select core/periph-
eral clocks in excess of 160/80 MHz for commercial grade and 140/70 MHz for industrial grade, when the peripheral clock rate is
one-half the core clock rate. If the peripheral clock rate is equal to the core clock rate, the maximum peripheral clock rate is 80 MHz
for both commercial and industrial grade parts. The peripheral clock is supplied to the CLKOUT pins.
When changing from bypass mode to PLL mode, allow 512 HCLK cycles for the PLL to stabilize.
Table 9. Clock In and Clock Out Cycle Timing
Parameter
Min
Max
Unit
Switching Characteristics
tCKOD
CLKOUT Delay from CLKIN
0
5.8
ns
tCKO
CLKOUT Period
1
1CLKOUT jitter can be as great as 8 ns when CLKOUT frequency is less than 20 MHz. For frequencies greater than 20 MHz, jitter is less than 1 ns.
12.5
ns
Timing Requirements
tCK
CLKIN Period2, 3
2In clock multiplier mode and MSEL6–0 set for 1:1 (or CLKIN=CCLK), t
CK=t
CCLK.
3In bypass mode, t
CK=tCCLK.
10
200
ns
tCKL
CLKIN Low Pulse
4.5
ns
tCKH
CLKIN High Pulse
4.5
ns
tWRST
RESET Asserted Pulsewidth Low
200tCLKOUT
ns
tMSS
MSELx/BYPASS Stable Before
RESET Deasserted Setup
40
µs
tMSH
MSELx/BYPASS Stable After
RESET Deasserted Hold
1000
ns
tMSD
MSELx/BYPASS Stable After
RESET Asserted
200
ns
tPFD
Flag Output Disable Time After
RESET Asserted
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com