| Electronic Components Datasheet Search |
|
ADSP-2191 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-2191 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 52 page ![]() ADSP-2191M –16– REV. 0 PF5 /SPI1SEL2 /MSEL5 I/O/T I I Programmable Flags 5/SPI1 Slave Select output 2 (when SPI0 enabled)/Multiplier Select 5 (during boot) PF4 /SPI0SEL2 /MSEL4 I/O/T I I Programmable Flags 4/SPI0 Slave Select output 2 (when SPI0 enabled)/Multiplier Select 4 (during boot) PF3 /SPI1SEL1 /MSEL3 I/O/T I I Programmable Flags 3/SPI1 Slave Select output 1 (when SPI0 enabled)/Multiplier Select 3 (during boot) PF2 /SPI0SEL1 /MSEL2 I/O/T I I Programmable Flags 2/SPI0 Slave Select output 1 (when SPI0 enabled)/Multiplier Select 2 (during boot) PF1 /SPISS1 /MSEL1 I/O/T I I Programmable Flags 1/SPI1 Slave Select input (when SPI1 enabled)/Multiplier Select 1 (during boot) PF0 /SPISS0 /MSEL0 I/O/T I I Programmable Flags 0/SPI0 Slave Select input (when SPI0 enabled)/Multiplier Select 0 (during boot) RD O/T External Port Read Strobe WR O/T External Port Write Strobe ACK I External Port Access Ready Acknowledge BMS O/T External Port Boot Space Select IOMS O/T External Port IO Space Select MS3–0 O/T External Port Memory Space Selects BR I External Port Bus Request BG OExternal Port Bus Grant BGH O External Port Bus Grant Hang HAD15–0 I/O/T Host Port Multiplexed Address and Data Bus HA16 I Host Port MSB of Address Bus HACK_P I Host Port ACK Polarity HRD I Host Port Read Strobe HWR I Host Port Write Strobe HACK O Host Port Access Ready Acknowledge HALE I Host Port Address Latch Strobe or Address Cycle Control HCMS I Host Port Internal Memory–Internal I/O Memory–Boot Memory Select HCIOMS I Host Port Internal I/O Memory Select CLKIN I Clock Input/Oscillator input XTAL O Oscillator output BMODE1–0 I Boot Mode 1–0. The BMODE1 and BMODE0 pins have 85 k Ω internal pull-up resistors. OPMODE I Operating Mode. The OPMODE pin has a 85 k Ω internal pull-up resistor. CLKOUT O Clock Output BYPASS I Phase-Lock-Loop (PLL) Bypass mode. The BYPASS pin has a 85 k Ω internal pull-up resistor. RCLK1–0 I/O/T SPORT1–0 Receive Clock RCLK2/SCK1 I/O/T SPORT2 Receive Clock/SPI1 Serial Clock RFS1–0 I/O/T SPORT1–0 Receive Frame Sync RFS2/MOSI1 I/O/T SPORT2 Receive Frame Sync/SPI1 Master-Output, Slave-Input data TCLK1–0 I/O/T SPORT1–0 Transmit Clock TCLK2/SCK0 I/O/T SPORT2 Transmit Clock/SPI0 Serial Clock TFS1–0 I/O/T SPORT1–0 Transmit Frame Sync TFS2/MOSI0 I/O/T SPORT2 Transmit Frame Sync/SPI0 Master-Output, Slave-Input data DR1–0 I/T SPORT1–0 Serial Data Receive DR2/MISO1 I/O/T SPORT2 Serial Data Receive/SPI1 Master-Input, Slave-Output data DT1–0 O/T SPORT1–0 Serial Data Transmit DT2/MISO0 I/O/T SPORT2 Serial Data Transmit/SPI0 Master-Input, Slave-Output data TMR2–0 I/O/T Timer output or capture Table 7. Pin Function Descriptions (continued) Pin Type Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |