Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191 Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-2191
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-2191 Datasheet HTML 20Page - Analog Devices ADSP-2191 Datasheet HTML 21Page - Analog Devices ADSP-2191 Datasheet HTML 22Page - Analog Devices ADSP-2191 Datasheet HTML 23Page - Analog Devices ADSP-2191 Datasheet HTML 24Page - Analog Devices ADSP-2191 Datasheet HTML 25Page - Analog Devices ADSP-2191 Datasheet HTML 26Page - Analog Devices ADSP-2191 Datasheet HTML 27Page - Analog Devices ADSP-2191 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
ADSP-2191M
–24–
REV. 0
External Port Read Cycle Timing
Table 13 and Figure 12 describe external port read operations. For additional information on the ACK signal, see the discussion
on page 23.
Table 13. External Port Read Cycle Timing
Parameter1, 2
1t
HCLK is the peripheral clock period.
2These are timing parameters that are based on worst-case operating conditions.
Min
Max
Unit
Switching Characteristics
tCSRS
Chip Select Asserted to
RD Asserted Delay
0.5tHCLK–3
ns
tARS
Address Valid to
RD Setup and Delay
0.5tHCLK–3
ns
tRSCS
RD Deasserted to Chip Select Deasserted Setup
0.5tHCLK–2
ns
tRW
RD Strobe Pulsewidth
tHCLK–2+W
3
3W = (number of waitstates specified in wait register)
tHCLK.
ns
tRSA
RD Deasserted to Address Invalid Setup
0.5tHCLK–2
ns
tRWR
RD Deasserted to WR, RD Asserted
tHCLK
Timing Requirements
tAKW
ACK Strobe Pulsewidth
tHCLK
ns
tRDA
RD Asserted to Data Access Setup
tHCLK–4+W
3
ns
tADA
Address Valid to Data Access Setup
tHCLK+W
3
ns
tSDA
Chip Select Asserted to Data Access Setup
tHCLK+W
3
ns
tSD
Data Valid to
RD Deasserted Setup
7
ns
tHRD
RD Deasserted to Data Invalid Hold
0
ns
tDRSAK
ACK Delay from
RD Low
0
ns
Figure 12. External Port Read Cycle Timing
D15–0
t AR S
t RW
t AK W
t CDA
t RDA
t ADA
t SDA
t SD
tHR D
AC K
RD
A21–0
MS3–0
IOMS
BMS
t CSRS
t RSA
t RS CS
t DR S A K
WR
t RW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com