Electronic Components Datasheet Search
  English  ▼

X  

ADV7150 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7150 Datasheet HTML 12Page - Analog Devices ADV7150 Datasheet HTML 13Page - Analog Devices ADV7150 Datasheet HTML 14Page - Analog Devices ADV7150 Datasheet HTML 15Page - Analog Devices ADV7150 Datasheet HTML 16Page - Analog Devices ADV7150 Datasheet HTML 17Page - Analog Devices ADV7150 Datasheet HTML 18Page - Analog Devices ADV7150 Datasheet HTML 19Page - Analog Devices ADV7150 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADV7150
–16–
REV. A
15-Bit “Gamma” True Color
(CR24, CR25, CR26, CR27 = 0, 0, 1, 1 or 1, 0, 1, 1 and
MR11 = 1)
The part is set to 15-bit True-Color operation. The pixel port
accepts 15-bits of color data which is mapped to the 5 LSBs of
each of the red, green and blue palettes of the Look-Up Table
RAM. The Look-Up Table is configured as a 32 location by
30 bits deep RAM (10 bits each for Red, Green and Blue). The
output of the RAM drives the DACs with 30-bit data (10 bits
each for Red, Green and Blue).
10
10-BIT
RED DAC
10-BIT
BLUE DAC
RED
32 x 10
GREEN
32 x 10
BLUE
32 x 10
5
10-BIT
GREEN DAC
10
10
5
5
RED
OUT
GREEN
OUT
BLUE
OUT
15-BIT
COLOR DATA
15-BIT TO 30-BIT
LOOK-UP TABLE
30-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
Figure 23. 15-Bit to 30-Bit True-Color Configuration
This mode allows for the display of 15-bit, Gamma-Corrected
True-Color Images.
15-Bit “Standard” True Color
(CR24, CR25, CR26, CR27 = 0, 0, 1, 1 or 1, 0, 1, 1 and
MR11 = 0)
The part is set to 15-bit True-Color operation. The pixel port
accepts 15 bits of color data which is mapped to the 5 LSBs of
each of the red, green and blue palettes of the Look-Up Table
RAM. The Look-Up Table is configured as a 32 location by
24 bits deep RAM (8 bits each for Red, Green and Blue). The
output of the RAM drives the DACs with 24-bit data (8 bits
each for Red, Green and Blue).
8
8-BIT
RED DAC
8-BIT
BLUE DAC
RED
32 x 8
GREEN
32 x 8
BLUE
32 x 8
5
8-BIT
GREEN DAC
8
8
5
5
RED
OUT
GREEN
OUT
BLUE
OUT
15-BIT
COLOR DATA
15-BIT TO 24-BIT
LOOK-UP TABLE
24-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
Figure 24. 15-Bit to 24-Bit True-Color Configuration
R4
R3
R2
R1
R0
x
x
x
G1
G0
G4
x
G3
G2
x
x
x
x
x
B4
B3
B2
B1
B0
PIXEL
INPUT
DATA
LOCATION "0"
LOCATION "31"
256 x 10
RAM
(RED LUT)
10
TO
RED
DAC
0
0
0
R4
R3
R2
R1
R0
LOCATION "0"
LOCATION "31"
256 x 10
RAM
(GREEN LUT)
10
TO
GREEN
DAC
0
0
0
G4
G3
G2
G1
G0
LOCATION "0"
LOCATION "31"
256 x 10
RAM
(BLUE LUT)
10
TO
BLUE
DAC
0
0
0
B4
B3
B2
B1
B0
5
5
5
PIN
ASSIGN-
MENTS
DATA
LATCHED
TO
PIXEL
PORT
DATA LATCHES
FIRST 32
LOCATIONS
OF RAM
DATA
INTERNALLY
SHIFTED
TO 5 LSBS
B5
B4
B3
B2
B1
B0
x
x
x
x
x
x
x
x
B6
B7
G6
G5
G4
G3
G2
G1
G0
R6
R5
R4
R3
R2
R1
R0
R4
R3
R2
R1
R0
G4
G3
G2
x
G1
G0
B4
B3
B2
B1
B0
G7
R7
Figure 25. 15-Bit True-Color Mapping Using R3–R7,
G3–G7 and B3–B7
This mode allows for the display of 15-bit True-Color Images.
PIXEL PORT MAPPING
The pixel data to the ADV7150 is automatically mapped in the
parts pixel port as determined by the pixel data mode pro-
grammed (Bits CR24–CR27 of Command Register 2).
Pixel data in the 24-bit True-Color modes is directly mapped to
the 24 color inputs R0–R7, G0–G7 and B0–B7.
There are three modes of operation for 8-bit Pseudo Color.
Each mode maps the input pixel data differently. Data can be
input one of the three color channels, R0–R7 or G0–G7 or
B0–B7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com