Electronic Components Datasheet Search
  English  ▼

X  

ADV7150 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 2 Page - Analog Devices

  ADV7150 Datasheet HTML 1Page - Analog Devices ADV7150 Datasheet HTML 2Page - Analog Devices ADV7150 Datasheet HTML 3Page - Analog Devices ADV7150 Datasheet HTML 4Page - Analog Devices ADV7150 Datasheet HTML 5Page - Analog Devices ADV7150 Datasheet HTML 6Page - Analog Devices ADV7150 Datasheet HTML 7Page - Analog Devices ADV7150 Datasheet HTML 8Page - Analog Devices ADV7150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
REV. A
–2–
ADV7150–SPECIFICATIONS (V
AA
1 = +5 V; V
REF = +1.235 V; RSET = 280
. IOR, IOG, IOB (RL = 37.5
,
CL = 10 pF); IOR, IOG, IOB = GND. All specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
All Versions
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
± 1
LSB max
Differential Nonlinearity
± 1
LSB max
Guaranteed Monotonic
Gray Scale Error
± 5
% Gray Scale max
Coding
Binary
DIGITAL INPUTS (Excluding CLOCK, CLOCK)
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±10
µA max
VIN = 0.4 V or 2.4 V
Input Capacitance, CIN
10
pF max
CLOCK INPUTS (CLOCK, CLOCK)
Input High Voltage, VINH
VAA – 1.0
V min
Input Low Voltage, VINL
VAA – 1.6
V max
Input Current, IIN
±10
µA max
VIN = 0.4 V or 2.4 V
Input Capacitance, CIN
10
pF typ
DIGITAL OUTPUT
Output High Voltage, VOH
2.4
V min
ISOURCE = 400 µA
Output Low Voltage, VOL
0.4
V max
ISINK = 3.2 mA
Floating-State Leakage Current
20
µA max
Floating-State Output Capacitance
20
pF typ
ANALOG OUTPUTS
Gray Scale Current Range
15/22
mA min/max
Output Current
White Level Relative to Blank
17.69/20.40
mA min/max
Typically 19.05 mA
White Level Relative to Black
16.74/18.50
mA min/max
Typically 17.62 mA
Black Level Relative to Blank
0.95/1.90
mA min/max
Typically 1.44 mA
Blank Level on IOR, IOB
0/50
µA min/max
Typically 5
µA
Blank Level on IOG
6.29/8.96
mA min/max
Typically 7.62 mA
Sync Level on IOG
0/50
µA min/max
Typically 5
µA
LSB Size
17.22
µA typ
DAC-to-DAC Matching
3
% max
Typically 1%
Output Compliance, VOC
0/+1.4
V min/V max
Output Impedance, ROUT
100
k
Ω typ
Output Capacitance, COUT
30
pF max
IOUT = 0 mA
VOLTAGE REFERENCE
Voltage Reference Range, VREF
1.14/1.26
V min/V max
VREF = 1.235 V for Specified Performance
Input Current, IVREF
+5
µA typ
POWER REQUIREMENTS
VAA
5
V nom
IAA
3
400
mA max
220 MHz Parts
IAA
3
370
mA max
170 MHz Parts
IAA
350
mA max
135 MHz Parts
IAA
330
mA max
110 MHz Parts
IAA
315
mA max
85 MHz Parts
Power Supply Rejection Ratio
0.5
%/% max
Typically 0.12%/%: COMP = 0.1
µF
DYNAMIC PERFORMANCE
Clock and Data Feedthrough
4, 5
–30
dB typ
Glitch Impulse
50
pV secs typ
DAC-to-DAC Crosstalk
6
–23
dB typ
NOTES
1
± 5% for all versions.
2Temperature range (T
MIN to TMAX): 0°C to +70°C; TJ (Silicon Junction Temperature) ≤ 100°C.
3Pixel Port is continuously clocked with data corresponding to a linear ramp. T
J = 100°C.
4Clock and data feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data feedthrough.
5TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
6DAC-to-DAC crosstalk is measured by holding one DAC high while the other two are making low-to-high and high-to-low transitions.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com