Electronic Components Datasheet Search
  English  ▼

X  

ADV7150 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7150 Datasheet HTML 14Page - Analog Devices ADV7150 Datasheet HTML 15Page - Analog Devices ADV7150 Datasheet HTML 16Page - Analog Devices ADV7150 Datasheet HTML 17Page - Analog Devices ADV7150 Datasheet HTML 18Page - Analog Devices ADV7150 Datasheet HTML 19Page - Analog Devices ADV7150 Datasheet HTML 20Page - Analog Devices ADV7150 Datasheet HTML 21Page - Analog Devices ADV7150 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADV7150
–18–
REV. A
30
MPU PORT
D9 – D0
10 (8+2)
C0
C1
ADDR
(A7–A0)
REVISION
REGISTER
COMMAND
REGISTERS
(CR1–CR3)
TEST
REGISTERS
(MR1)
DATA TO
PALETTES
CONTROL REGISTERS
COLOR REGISTERS
ADDRESS
REGISTER
MODE
REGISTER
ID
REGISTER
BLUE
REGISTER
PIXEL MASK
REGISTER
CE
R/W
GREEN
REGISTER
RED
REGISTER
Figure 27. MPU Port and Register Configuration
Data is read from the color palette by first writing to the address
register of the color palette location to be read. The MPU per-
forms three successive read cycles from each of the red, green
and blue locations (10-bit or 8-bit) of the RAM. An internal
pointer moves from red to green to blue after each read is com-
pleted. This pointer is reset to red after a blue read or whenever
the address register is written. The address register then auto-
matically increments to point to the next RAM location, and a
similar red, green and blue palette read sequence is performed.
The address register resets to 00H following a blue read cycle of
color palette RAM location FFH.
Register Accesses
The MPU can write to or read from all of the ADV7150s regis-
ters. C0 and C1 determine whether the Mode Register or Ad-
dress Register is being accessed. Access to these registers is
direct. The Control Registers are accessed indirectly. The
Address Register must point to the desired Control Register.
Figure 28 along with the 8-bit and 10-bit Interface Truth Tables
illustrate the structure and protocol for device communication
over the MPU port.
MODE REGISTER
(MR17–MR10)
ADDRESS REGISTER
(A7–A0)
ADDRESS
REGISTER
(A15–A0)
CONTROL
REGISTERS
00H
01H
02H
PIXEL TEST REGISTER
R
G
B
DAC TEST REGISTER
R
G
B
* THIS REGISTER IS READ ONLY.
A READ CYCLE WILL RETURN ZEROS "00".
LOOK-UP TABLE RAM
(256 x 30)
RED
REGISTER
(R9–R0)
GREEN
REGISTER
(G9–G0)
BLUE
REGISTER
(B9–B0)
POINTS TO LOCATION
CORRESPONDING TO
ADDRESS REG (A7–A0)
ADDRESS REG = ADDRESS REG + 1
C1 = 1
C0 = 0
C1 = 0
C0 = 1
C1 = 1
C0 = 1
C1 = 0
C0 = 0
SYNC, BLANK & I
PLL
TEST REGISTER
03H
04H
05H
06H
07H
08H
09H
0AH
0BH
RESERVED* (READ ONLY)
RESERVED* (READ ONLY)
RESERVED* (READ ONLY)
REVISION REGISTER
ID REGISTER (READ ONLY)
PIXEL MASK REGISTER
COMMAND REGISTER 1
COMMAND REGISTER 2
COMMAND REGISTER 3
Figure 28. Internal Register Configuration and Address Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com