Electronic Components Datasheet Search
  English  ▼

X  

ADV7150 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7150 Datasheet HTML 23Page - Analog Devices ADV7150 Datasheet HTML 24Page - Analog Devices ADV7150 Datasheet HTML 25Page - Analog Devices ADV7150 Datasheet HTML 26Page - Analog Devices ADV7150 Datasheet HTML 27Page - Analog Devices ADV7150 Datasheet HTML 28Page - Analog Devices ADV7150 Datasheet HTML 29Page - Analog Devices ADV7150 Datasheet HTML 30Page - Analog Devices ADV7150 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADV7150
–27–
REV. A
Digital Signal Interconnect
The digital inputs to the ADV7150 should be isolated as much
as possible from the analog outputs and other analog circuitry.
Also, these input signals should not overlay the analog power
plane.
Due to the high clock rates involved, long clock lines to the
ADV7150 should be avoided to reduce noise pickup.
Any active termination resistors for the digital inputs should be
connected to the regular PCB power plane (VCC), and not the
analog power plane.
Analog Signal Interconnect
The ADV7150 should be located as close as possible to the out-
put connectors to minimize noise pick-up and reflections due to
impedance mismatch.
The video output signals should overlay the ground plane, and
not the analog power plane, to maximize the high frequency
power supply rejection.
Digital Inputs, especially Pixel Data Inputs and clocking signals
(CLOCK, LOADOUT, LOADIN, etc.) should never overlay
any of the analog signal circuitry and should be kept as far away
as possible.
For best performance, the analog outputs (IOR, IOG, IOB)
should each have a 75
Ω load resistor connected to GND.
These resistors should be placed as close as possible to the
ADV7150 so as to minimize reflections. Normally, the differen-
tial analog outputs (IOR, IOG, IOB) are connected directly to
GND. In some applications, improvements in performance are
achieved by terminating these differential outputs with a resis-
tive load similar in value to the video load. For a doubly termi-
nated 75
Ω load, this means that IOR, IOG, IOB are each
terminated with 37.5
Ω resistors.
APPENDIX 2
TYPICAL FRAME BUFFER INTERFACE
CLOCK
ADV7150
CLOCK
LOADOUT
PRGCKOUT
LOADIN
SCKOUT
SCKIN
BLANK
LATCH
ENABLE
SYNC
ECL
TO
TTL
DIVIDE BY N
(
÷ N)
VRAM
(BANK A)
VRAM
(BANK B)
FRAME
BUFFER/
VIDEO
MEMORY
MULTIPLEXER
24
TO
PALETTE/RAM
& DAC
24
24
24
24
BLANK
SYNC
CLOCK
GRAPHICS
PROCESSOR/
CONTROLLER
VRAM
(BANK C)
24
24
VRAM
(BANK D)
24
24
33MHz
33MHz
33MHz
33MHz
DIVIDE BY M
(
÷ M)
CLOCK
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com