Electronic Components Datasheet Search
  English  ▼

X  

ADV7150 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7150 Datasheet HTML 28Page - Analog Devices ADV7150 Datasheet HTML 29Page - Analog Devices ADV7150 Datasheet HTML 30Page - Analog Devices ADV7150 Datasheet HTML 31Page - Analog Devices ADV7150 Datasheet HTML 32Page - Analog Devices ADV7150 Datasheet HTML 33Page - Analog Devices ADV7150 Datasheet HTML 34Page - Analog Devices ADV7150 Datasheet HTML 35Page - Analog Devices ADV7150 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADV7150
–32–
REV. A
the graphics pipeline and after a number of clocks get latched
into the DAC Test Register. This data can then be read from
the Pixel Test Register and the DAC Test Registers over the
MPU Port. This data will remain in the Pixel Test Registers and
the DAC Test Registers until the next rising edge of R7 causes
new data to be latched in.
In the above example, the next rising edge of R7 occurs on the
Pixel n input. Therefore the data in the Pixel Test Registers and
DAC Test Registers must be read over the MPU before the
Pixel n data is applied, otherwise they will be overwritten by the
Pixel n data and the Pixel 2 data will be lost.
Pixel Test Register
The read-only Pixel Test Register is 24 bits wide, 8 bits each for
red green and blue. It is situated directly after the Pixel Mask
Register. After data is latched into this register by a transition on
R7, it is read in three cycles over the MPU Port as described in
the “Microprocessor (MPU) Port” section.
DAC Test Register
The DAC Test Register is latched with data some CLOCKs
after the Pixel Test Register. The DAC Test Register is a 30-bit
wide read-only register, corresponding to 10 bits each for red,
green and blue data. It is located the Color Palette RAM. If the
RAM-DAC is in 8-bit after resolution mode, the upper two bits
of the red, green and blue data will be zero. After data is latched
into the DAC Test Register by a transition on R7, it is read
in three or six cycles over the MPU Port as described in the
“Microprocessor (MPU) Port” section.
SYNC
, BLANK and IPLL Test Register
This is an 8-bit wide register but with only three effective bits.
The three lower bits correspond to SYNC, BLANK and IPLL
respectively. The upper bits should be masked in software. This
register is at the same position in the graphics pipeline as the
DAC Test Register. When pixel data is latched into the DAC
Test Register, the corresponding status of SYNC, BLANK and
IPLL is latched into this register. It is read over the MPU Port as
described in the “Microprocessor (MPU) Port” section.
(Note: If BLANK is low, the corresponding pixel data to the
DAC Test Register will be all “0s.”)
The ADV7150 contains onboard circuitry which enables both
device and system level test diagnostics. The test circuitry can
be used to test the frame buffer memory as well as the function-
ality of the ADV7150. A number of test registers are integrated
into the part which effectively allow for monitoring of the graph-
ics pipeline. Pixel data is read from the graphics pipeline inde-
pendent of the pixel CLOCK. The pixel data itself contains the
triggering information that latches data into the test registers.
This allows for system diagnostics in a continuously clocked
graphics system. The test register data is then read by the micro-
processor over the MPU.
Access to the test registers is as described in the “Microproces-
sor (MPU) Port” section. This section also gives the address
decode locations for the various test registers.
Test Trigger (R7)
The test trigger is decoded from the pixel data stream. Bit R7 of
the RED channel is assigned the task of latching pixel data into
the test registers. A “0” to “1” or a “1” to “0” (as determined
by bit CR20 of Command Register 2) transition on R7, fills the
test register with the corresponding pixel data. This effectively
means that a sequence of data travels along the graphics pipe-
line, with the test registers taking a sample only when there is a
transition on Bit R7. The following example shows a sequence
with the ADV7150 preset to sample the graphics pipeline on a
low to high transition of R7.
RED
GREEN
BLUE
Pixel 0:
00000000
00000000
00000000
Pixel 1:
0........
........
........
Pixel 2:
1........
........
........
Pixel 3:
0........
........
........
. ...
...
. ...
...
Pixel n- l:
0........
........
........
Pixel n:
1........
........
........
Pixel n:
0........
........
........
In the above sequence of pixels, there is a rising edge on R7 on
Pixel 2. The Red, Green and Blue data for Pixel 2, therefore,
gets latched into the Pixel Test Register. Pixel 2 continues down
APPENDIX 6
TEST DIAGNOSTICS
MPU PORT
CE
R/W
C0
C1
D0–D9
PIXEL TEST
REGISTER
DAC TEST
REGISTERS
COLOR
REGISTERS
COLOR
PALETTE
RAM
TRIGGER
DECODE
TRIGGER
DECODE
GRAPHICS PIPELINE
GRAPHICS PIPELINE
INPUT
MUX
PIXEL
DATA
SYNC
BLANK
DACs
SYNC
BLANK
IPLL
REGISTER
TEST
Test/Diagnostic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com