Electronic Components Datasheet Search
  English  ▼

X  

ADV7150 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 3 Page - Analog Devices

  ADV7150 Datasheet HTML 1Page - Analog Devices ADV7150 Datasheet HTML 2Page - Analog Devices ADV7150 Datasheet HTML 3Page - Analog Devices ADV7150 Datasheet HTML 4Page - Analog Devices ADV7150 Datasheet HTML 5Page - Analog Devices ADV7150 Datasheet HTML 6Page - Analog Devices ADV7150 Datasheet HTML 7Page - Analog Devices ADV7150 Datasheet HTML 8Page - Analog Devices ADV7150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADV7150
–3–
REV. A
TIMING CHARACTERISTICS
1
CLOCK CONTROL AND PIXEL PORT
4
220 MHz 170 MHz 135 MHz 110 MHz 85 MHz
Parameter
Version
Version
Version
Version
Version
Units
Conditions/Comments
fCLOCK
220
170
135
110
85
MHz max Pixel CLOCK Rate
t1
4.55
5.88
7.4
9.1
11.77
ns min
Pixel CLOCK Cycle Time
t2
2
2.5
3.2
4
4
ns min
Pixel CLOCK High Time
t3
2
2.5
3
4
4
ns min
Pixel CLOCK Low Time
t4
10
10
10
10
10
ns max
Pixel CLOCK to LOADOUT Delay
fLOADIN
LOADIN Clocking Rate
1:1 Multiplexing
110
110
110
110
85
MHz max
2:1 Multiplexing
110
85
67.5
55
42.5
MHz max
4:1 Multiplexing
55
42.5
33.75
27.5
21.25
MHz max
t5
LOADIN Cycle Time
1:1 Multiplexing
9.1
9.1
9.1
9.1
9.1
ns min
2:1 Multiplexing
9.1
11.76
14.8
18.18
23.53
ns min
4:1 Multiplexing
18.18
23.53
29.63
36.36
47.1
ns min
t6
LOADIN High Time
1:1 Multiplexing
44444
ns min
2:1 Multiplexing
45689
ns min
4:1 Multiplexing
8
9
12
15
18
ns min
t7
LOADIN Low Time
1:1 Multiplexing
44444
ns min
2:1 Multiplexing
45689
ns min
4:1 Multiplexing
8
9
12
15
18
ns min
t8
00000
ns min
Pixel Data Setup Time
t9
55555
ns min
Pixel Data Hold Time
t10
00000
ns min
LOADOUT to LOADIN Delay
τ–t
11
5
τ–5
τ–5
τ–5
τ–5
τ–5
ns max
LOADOUT to LOADIN Delay
tPD
6
Pipeline Delay
1:1 Multiplexing
55555
CLOCKs
(1
× CLOCK = t
1)
2:1 Multiplexing
66666
CLOCKs
4:1 Multiplexing
88888
CLOCKs
t12
10
10
10
10
10
ns max
Pixel CLOCK to PRGCKOUT Delay
t13
55555
ns max
SCKIN to SCKOUT Delay
t14
55555
ns min
BLANK
to SCKIN Setup Time
t15
11111
ns min
BLANK
to SCKIN Hold Time
ANALOG OUTPUTS
7
220 MHz 170 MHz 135 MHz 110 MHz 85 MHz
Parameter
Version
Version
Version
Version
Version
Units
Conditions/Comments
t16
15
15
15
15
15
ns typ
Analog Output Delay
t17
11111
ns typ
Analog Output Rise/Fall Time
t18
15
15
15
15
15
ns typ
Analog Output Transition Time
tSK
22222
ns max
Analog Output Skew (IOR, IOG, IOB)
00000
ns typ
MPU PORTS
8, 9
220 MHz 170 MHz 135 MHz 110 MHz 85 MHz
Parameter
Version
Version
Version
Version
Version
Units
Conditions/Comments
t19
33333
ns min
R/W, C0, C1 to CE Setup Time
t20
10
10
10
10
10
ns min
R/W, C0, C1 to CE Hold Time
t21
45
45
45
45
45
ns min
CE
Low Time
t22
25
25
25
25
25
ns min
CE
High Time
t23
8
55555
ns min
CE
Asserted to Databus Driven
t24
9
45
45
45
45
45
ns max
CE
Asserted to Data Valid
t25
9
20
20
20
20
20
ns max
CE
Disabled to Databus Three-Stated
55555
ns min
t26
20
20
20
20
20
ns min
Write Data (D0–D9) Setup Time
t27
55555
ns min
Write Data (D0–D9) Hold Time
(VAA
2 = +5 V; V
REF = +1.235 V; RSET = 280
. IOR, IOG, IOB (RL = 37.5
, CL = 10 pF);
IOR
, IOG, I0B = GND. All specifications TMIN to TMAX
3 unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com