Electronic Components Datasheet Search
  English  ▼

X  

ADV7150 Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7150 Datasheet HTML 22Page - Analog Devices ADV7150 Datasheet HTML 23Page - Analog Devices ADV7150 Datasheet HTML 24Page - Analog Devices ADV7150 Datasheet HTML 25Page - Analog Devices ADV7150 Datasheet HTML 26Page - Analog Devices ADV7150 Datasheet HTML 27Page - Analog Devices ADV7150 Datasheet HTML 28Page - Analog Devices ADV7150 Datasheet HTML 29Page - Analog Devices ADV7150 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADV7150
–26–
REV. A
APPENDIX 1
BOARD DESIGN AND LAYOUT CONSIDERATIONS
V
AA
V
REF
R
SET
IOR
IOG
IOB
I
PLL
GND
COMP
IOR
IOG
IOB
R
SET
280
Ω
1k
Ω
(1% METAL)
AD589
(1.2V REF)
0.1
µF
+5V (V
AA )
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
COMPLIMENTARY
OUTPUTS
CO-AXIAL CABLE
(75
Ω)
BNC
CONNECTORS
MONITOR
(CRT)
+5V (V
AA )
0.1
µF
ANALOG POWER PLANE
33
µF
0.1
µF
0.01
µF
0.1
µF
0.01
µF
0.1
µF
0.01
µF
0.1
µF
0.01
µF
+5V (V
AA )
0.1
µF
+5V (V
CC )
L1
(FERRITE BEAD)
NOTES:
1. ALL RESISTORS ARE 1% METAL FILM
2. 0.1
µF AND 0.01µF CAPACITORS ARE CERAMIC
3. ADDITIONAL DIGITALCIRCUITRY OMITTED FOR CLARITY
ADV7150
POWER SUPPLY DECOUPLING (0.1
µF AND 0.01µF CAPACITOR FOR EACH V
AA GROUP)
Recommended Analog Circuit Layout
power plane (VCC) at a single point through a ferrite bead. This
bead should be located within three inches of the ADV7150.
The PCB power plane should provide power to all digital logic
on the PC board, and the analog power plane should provide
power to all ADV7150 power pins and voltage reference circuitry.
Plane-to-plane noise coupling can be reduced by ensuring that
portions of the regular PCB power and ground planes do not
overlay portions of the analog power plane, unless they can be
arranged such that the plane-to-plane noise is common mode.
Supply Decoupling
For optimum performance, bypass capacitors should be installed
using the shortest leads possible, consistent with reliable opera-
tion, to reduce the lead inductance. Best performance is obtained
with 0.1
µF ceramic capacitor decoupling. Each group of V
AA
pins on the ADV7150 must have at least one 0.1
µF decoupling
capacitor to GND. These capacitors should be placed as close
as possible to the device.
It is important to note that while the ADV7150 contains cir-
cuitry to reject power supply noise, this rejection decreases with
frequency. If a high frequency switching power supply is used,
the designer should pay close attention to reducing power sup-
ply noise and consider using a three terminal voltage regulator
for supplying power to the analog power plane.
The ADV7150 is a highly integrated circuit containing both
precision analog and high speed digital circuitry. It has been
designed to minimize interference effects on the integrity of the
analog circuitry by the high speed digital circuitry. It is impera-
tive that these same design and layout techniques be applied to
the system level design such that high speed, accurate perfor-
mance is achieved. The “Recommended Analog Circuit Layout”
shows the analog interface between the device and monitor.
The layout should be optimized for lowest noise on the ADV7150
power and ground lines by shielding the digital inputs and pro-
viding good decoupling. The lead length between groups of VAA
and GND pins should by minimized so as to minimize inductive
ringing.
Ground Planes
The ground plane should encompass all ADV7150 ground pins,
voltage reference circuitry, power supply bypass circuitry for the
ADV7150, the analog output traces, and all the digital signal
traces leading up to the ADV7150. The ground plane is the
graphics board’s common ground plane.
Power Planes
The ADV7150 and any associated analog circuitry should have
its own power plane, referred to as the analog power plane (VAA).
This power plane should be connected to the regular PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com