Electronic Components Datasheet Search
  English  ▼

X  

ADV7152 Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7152 Datasheet HTML 10Page - Analog Devices ADV7152 Datasheet HTML 11Page - Analog Devices ADV7152 Datasheet HTML 12Page - Analog Devices ADV7152 Datasheet HTML 13Page - Analog Devices ADV7152 Datasheet HTML 14Page - Analog Devices ADV7152 Datasheet HTML 15Page - Analog Devices ADV7152 Datasheet HTML 16Page - Analog Devices ADV7152 Datasheet HTML 17Page - Analog Devices ADV7152 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADV7152
–14–
REV. B
This mode allows for the display of 256 simultaneous colors out
of a total palette of millions of addressable colors.
15-Bit “Gamma” True Color
(CR24, CR25, CR26, CR27 = 0, 0, 1, 1 or 1, 0, 1, 1 and
MR11 = 1)
The part is set to 15-bit True-Color operation. The pixel port
accepts 15 bits of color data which is mapped to the 5 LSBs of
each of the red, green and blue palettes of the Look-Up Table
RAM. The Look-Up Table is configured as a 32 location by 30
bits deep RAM (10 bits each for Red, Green and Blue). The
output of the RAM drives the DACs with 30-bit data (10 bits
each for Red, Green and Blue).
10
RED
32 x 10
GREEN
32 x 10
BLUE
32 x 10
10-BIT
GREEN DAC
10
10
5
15-BIT
PIXEL DATA
15-BIT TO 30-BIT
LOOK-UP-TABLE
30-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
RED
OUT
GREEN
OUT
BLUE
OUT
10-BIT
BLUE DAC
10-BIT
RED DAC
5
5
Figure 21. 15-Bit to 30-Bit True-Color Configuration
This mode allows for the display of 15-bit, Gamma-Corrected
True-Color Images.
15-Bit “Standard” True Color
(CR24, CR25, CR26, CR27 = 0, 0, 1, 1 or 1, 0, 1, 1 and
MR11 = 0)
The part is set to 15-bit True-Color operation. The pixel port
accepts 15 bits of color data which is mapped to the 5 LSBs of
each of the red, green and blue palettes of the Look-Up Table
RAM. The Look-Up Table is configured as a 32 location by 24
bits deep RAM (8 bits each for Red, Green and Blue). The out-
put of the RAM drives the DACs with 24-bit data (8 bits each
for Red, Green and Blue).
8
RED
32 x 8
GREEN
32 x 8
BLUE
32 x 8
8-BIT
GREEN DAC
8
8
5
15-BIT
PIXEL DATA
15-BIT TO 24-BIT
LOOK-UP TABLE
24-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
RED
OUT
GREEN
OUT
BLUE
OUT
8-BIT
BLUE DAC
8-BIT
RED DAC
5
5
Figure 22. 15-Bit to 24-Bit True-Color Configuration
This mode allows for the display of 15-bit True-Color Images.
PIXEL PORT MAPPING
The pixel data to the ADV7152 is automatically mapped in the
parts pixel port as determined by the pixel data mode pro-
grammed (Bits CR24–CR27 of Command Register 2).
Pixel data in the 24-bit True-Color modes is directly mapped to
the 24 color inputs R0–R7, G0–G7 and B0–B7.
PIXEL
INPUT
DATA
PIN
ASSIGN-
MENTS
DATA
LATCHED
TO
PIXEL
PORT
DATA LATCHES
FIRST 32
LOCATIONS
OF RAM
DATA
INTERNALLY
SHIFTED
TO 5 LSBS
B7
B6
B5
B4
B3
B2
B1
B0
10
TO
BLUE
DAC
0
0
0
B4
B3
B2
B1
B0
B4
B3
B2
B1
B0
x
x
x
x
x
x
B4
B3
B2
B1
B0
LOCATION "0"
LOCATION "31"
256 x 10 RAM
(BLUE LUT)
TO
RED
DAC
R7
R6
R5
R4
R3
R2
R1
R0
10
0
0
0
R4
R3
R2
R1
R0
R4
R3
R2
R1
R0
x
x
x
256 x 10 RAM
(RED LUT)
LOCATION "0"
LOCATION "31"
x
x
x
R4
R3
R2
R1
R0
TO
GREEN
DAC
G4
G3
G2
G1
G0
G7
G6
G5
G4
G3
G2
G1
G0
10
0
0
0
G4
G3
G2
G1
G0
x
x
x
x
x
x
G4
G3
G2
G1
G0
256 x 10 RAM
(GREEN LUT)
LOCATION "0"
LOCATION "31"
5
5
5
Figure 23. 15-Bit True-Color Mapping Using R3–R7, G3–G7
and B3–B7
There are three modes of operation for 8-bit Pseudo Color.
Each mode maps the input pixel data differently. Data can be
input one of the three color channels, R0–R7 or G0–G7 or
B0–B7.
The part has two modes of operation for 15-bit True Color. In
the first mode, data is input to the device over the red, green
and blue channel (R3–R7, G3–G7 and B3–B7) and is internally
mapped to locations 0 to 31 of the Look-Up Table (LUT) ac-
cording to Figure 23. In the second mode, data is input to the
device over just two of the color ports, red and green (R0–R7
and G0–G6) and is internally mapped to LUT locations 0 to 31
according to Figure 24. (Note: Data on unused pixel inputs is
ignored.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com