Electronic Components Datasheet Search
  English  ▼

X  

ADV7152 Datasheet(PDF) 15 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV7152 Datasheet HTML 11Page - Analog Devices ADV7152 Datasheet HTML 12Page - Analog Devices ADV7152 Datasheet HTML 13Page - Analog Devices ADV7152 Datasheet HTML 14Page - Analog Devices ADV7152 Datasheet HTML 15Page - Analog Devices ADV7152 Datasheet HTML 16Page - Analog Devices ADV7152 Datasheet HTML 17Page - Analog Devices ADV7152 Datasheet HTML 18Page - Analog Devices ADV7152 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADV7152
–15–
REV. B
PIXEL
INPUT
DATA
PIN
ASSIGN-
MENTS
DATA
LATCHED
TO
PIXEL
PORT
DATA
INTERNALLY
SHIFTED
TO 5 LSBS
B7
B6
B5
B4
B3
B2
B1
B0
x
x
x
x
x
x
x
x
R7
R6
R5
R4
R3
R2
R1
R0
R4
R3
R2
R1
R0
G4
G3
G2
G4
G3
G2
R4
R3
R2
R1
R0
G7
G6
G5
G4
G3
G2
G1
G0
x
G1
G0
B4
B3
B2
B1
B0
B2
B1
B0
x
G1
G0
B4
B3
DATA LATCHES
FIRST 32
LOCATIONS
OF RAM
5
10
TO
BLUE
DAC
0
0
0
B4
B3
B2
B1
B0
LOCATION "0"
LOCATION "31"
256 x 10 RAM
(BLUE LUT)
TO
RED
DAC
10
0
0
0
R4
R3
R2
R1
R0
256 x 10 RAM
(RED LUT)
LOCATION "0"
LOCATION "31"
TO
GREEN
DAC
10
G4
G3
G2
G1
G0
0
0
0
256 x 10 RAM
(GREEN LUT)
LOCATION "0"
LOCATION "31"
5
5
x
x
x
x
x
x
x
x
Figure 24. 15-Bit True-Color Mapping Using R0–R7
and G0–G6
MICROPROCESSOR (MPU) PORT
The ADV7152 supports a standard MPU Interface. All the
functions of the part are controlled via this MPU port. Direct
access is gained to the Address Register, Mode Register and all
the Control Registers as well as the Color Palette. The follow-
ing sections describe the setup for reading and writing to all of
the devices registers.
MPU Interface
The MPU interface (Figure 25) consists of a bidirectional,
10-bit wide databus and interface control signals CE, C0, C1
and R/W. The 10-bit wide databus is user configurable as
illustrated.
Table II. Databus Width Table
Databus
RAM/DAC
Read/Write
Width
Resolution
Mode
10 Bit
10 Bit
10-Bit Parallel
10 Bit
8 Bit
8-Bit Parallel
8 Bit
10 Bit
8+2 Byte
8 Bit
8 Bit
8-Bit Parallel
Register Mapping
The ADV7152 contains a number of onboard registers includ-
ing the Mode Register (MR17–MR10), Address Register (A7–
A0) and nine Control Registers as well as Red (R9–R0), Green
(G9–G0) and Blue (B9–B0) Color Registers. These registers
control the entire operation of the part. Figure 26 shows the
internal register configuration.
Control lines C1 and C0 determine which register the MPU is
accessing. C1 and C0 also determine whether the Address Reg-
ister is pointing to the color registers and look-up table RAM or
the control registers. If C1, C0 = 1, 0, the MPU has access to
whatever control register is pointed to by the Address Register
(A7–A0). If C1, C0 = 0, 1, the MPU has access to the Look-Up
Table RAM (Color Palette) through the associated color regis-
ters. The CE input latches data to or from the part.
The R/W control input determines between read or write ac-
cesses. The Truth Tables III and IV show all modes of access to
the various registers and color palette for both the 8-bit wide
databus configuration and 10-bit wide databus configuration. It
should be noted that after power-up, the devices MPU port is
automatically set to 10-bit wide operation (see Power-On Reset
section).
Color Palette Accesses
Data is written to the color palette by first writing to the address
register of the color palette location to be modified. The MPU
performs three successive write cycles for each of the red, green
and blue registers (10 bit or 8 bit). An internal pointer moves
from red to green to blue after each write is completed. This
pointer is reset to red after a blue write or whenever the address
register is written. During the blue write cycle, the three bytes of
red, green and blue are concatenated into a single 30-bit/24-bit
word and written to the RAM location as specified in the ad-
dress register (A7–A0). The address register then automatically
increments to point to the next RAM location and a similar red,
green and blue palette write sequence is performed. The address
register resets to 00H following a blue write cycle to color pal-
ette RAM location FFH.
30
MPU PORT
D0 – D9
10 (8+2)
C0
C1
COMMAND
REGISTERS
(CR1–CR3)
(MR1)
DATA TO
PALETTES
CONTROL REGISTERS
COLOR REGISTERS
ADDRESS
REGISTER
MODE
REGISTER
ID
REGISTER
BLUE
REGISTER
CE
R/W
GREEN
REGISTER
RED
REGISTER
PIXEL MASK
REGISTER
TEST
REGISTERS
REVISION
REGISTER
ADDR
(A7–A0)
Figure 25. MPU Port and Register Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com