Electronic Components Datasheet Search
  English  ▼

X  

ADV7152 Datasheet(PDF) 22 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV7152 Datasheet HTML 18Page - Analog Devices ADV7152 Datasheet HTML 19Page - Analog Devices ADV7152 Datasheet HTML 20Page - Analog Devices ADV7152 Datasheet HTML 21Page - Analog Devices ADV7152 Datasheet HTML 22Page - Analog Devices ADV7152 Datasheet HTML 23Page - Analog Devices ADV7152 Datasheet HTML 24Page - Analog Devices ADV7152 Datasheet HTML 25Page - Analog Devices ADV7152 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADV7152
–22–
REV. B
DIGITAL-TO-ANALOG CONVERTERS
(DACS) AND VIDEO OUTPUTS
The ADV7152 contains three high speed video DACs. The
DAC outputs are represented as the three primary analog color
signals IOR (red video), IOG (green video) and IOB (blue video).
Other analog signals on the part include IPLL and VREF as well as
complementary video outputs IOR, IOG, IOB. These comple-
mentary outputs can be used to drive differentially terminated
video loads, they will have equal but opposite output levels to
IOR, IOG and IOB when loaded with a resistive load similar to
IOR, IOG and IOB.
DACs and Analog Outputs
The part contains three matched 10-bit digital-to-analog con-
verters. The DACs are designed using an advanced, high speed,
segmented architecture. The bit currents corresponding to each
digital input are routed to either IOR, IOG, IOB (bit = “1”) or
IOR
, IOG, IOB (bit = “0”). (Normally IOR, IOG, IOB = GND.)
The analog video outputs are high impedance current sources.
Each of the these three RGB current outputs are specified to
directly drive a 37.5
Ω load (doubly terminated 75 Ω).
Z
S =75Ω
(SOURCE
TERMINATION)
DACs
IOR, IOG, IOB
Z
O = 75Ω
Z
L = 75Ω
(MONITOR)
(CABLE)
Figure 27. DAC Output Termination (Doubly Terminated
75
Ω Load)
Reference Input and RSET
An external 1.23 V voltage reference is required to drive the
analog outputs of the ADV7152. The reference voltage is con-
nected to the VREF input.
A resistor RSET is connected between the RSET input of the part
and ground. For specified performance, RSET has a value of
280
Ω. This corresponds to the generation of RS-343A video
levels (with SYNC on IOG and Pedestal = 7.5 IRE) into a dou-
bly terminated 75
Ω load. Figure 28 illustrates the resulting
video waveform, and the Video Output Truth Table shows the
corresponding control input stimuli.
WHITE LEVEL
BLACK LEVEL
92.5 IRE
7.5 IRE
40 IRE
IOR, IOB
IOG
mA
mA
V
V
26.67
1.000
0.714
19.05
1.44
0.054
9.05
0.340
00
0
0
7.62
0.286
BLANK LEVEL
SYNC LEVEL
Figure 28. Composite Video Waveform (SYNC Decoded on IOG; Pedestal = 7.5 IRE; RSET = 280 Ω)
Table V. Video Output Truth Table
IOG
IOR, IOB
DAC
Description
(mA)
(mA)
SYNC
BLANK
Input Data
WHITE LEVEL
26.67
19.05
1
1
3FFH
VIDEO
Video + 9.05
Video + 1.44
1
1
Data
VIDEO to BLANK
Video + 1.44
Video + 1.44
0
1
Data
BLACK LEVEL
9.05
1.44
1
1
000H
BLACK to BLANK
1.44
1.44
0
1
000H
BLANK
LEVEL
7.62
0
1
0
xxxH
SYNC
LEVEL
0
0
0
0
xxxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com