Electronic Components Datasheet Search
  English  ▼

X  

ADV7152 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 4 Page - Analog Devices

  ADV7152 Datasheet HTML 1Page - Analog Devices ADV7152 Datasheet HTML 2Page - Analog Devices ADV7152 Datasheet HTML 3Page - Analog Devices ADV7152 Datasheet HTML 4Page - Analog Devices ADV7152 Datasheet HTML 5Page - Analog Devices ADV7152 Datasheet HTML 6Page - Analog Devices ADV7152 Datasheet HTML 7Page - Analog Devices ADV7152 Datasheet HTML 8Page - Analog Devices ADV7152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADV7152
–4–
REV. B
NOTES
1TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. ECL inputs (CLOCK, CLOCK) are
VAA–0.8 V to VAA–1.8 V, with input rise/fall times ≤ 2 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and out-
puts. Analog output load
≤ 10 pF. Databus (D0–D9) loaded as shown in Figure 1. Digital output load for LOADOUT, PRGCKOUT, SCKOUT, I
PLL and
SYNCOUT
≤ 30 pF.
2
± 5% for all versions.
3Temperature range (T
MIN to TMAX): 0°C to +70°C; TJ (Silicon Junction Temperature) ≤ 100°C.
4Pixel Port consists of the following inputs: Pixel Inputs: RED [A, B]; GREEN [A, B]; BLUE [A, B], Palette Selects: PS0 [A, B]; PS1 [A, B]; Pixel Controls:
SYNC
, BLANK; Clock Inputs: CLOCK, CLOCK, LOADIN, SCKIN; Clock Outputs: LOADOUT, PRGCKOUT, SCKOUT.
5
τ is the LOADOUT Cycle Time and is a function of the Pixel CLOCK Rate and the Multiplexing Mode: 1:1 multiplexing; τ = CLOCK = t
1 ns; 2:1 multi-
plexing,
τ = CLOCK × 2 = 2 × t
1 ns.
6These fixed values for Pipeline Delay are valid under conditions where t
10 and τ–t11 are met. If either t10 or τ–t11 are not met, the part will operate but the Pipe-
line Delay is increased by 2 clock cycles for 2:1 mode after calibration cycle is performed.
7Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition. Output rise/fall time measured between the
10% and 90% points of full-scale transition. Settling time measured from the 50% point of full-scale transition to the output remaining within
±1 LSB. (Settling time
does not include clock and data feedthrough.)
8t
23 and t24 are measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.4 V or 2.4 V.
9t
25 is derived from the measured time taken by the data outputs to change by 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapo-
lated back to remove the effects of charging the 100 pF capacitor. This means that the time, t 25, quoted in the Timing Characteristics is the true value for the device
and as such is independent of external databus loading capacitances.
Specifications subject to change without notice.
I
SINK
+2.1V
TO
OUTPUT
PIN
I
SOURCE
100pF
Figure 1. Load Circuit for Databus Access and Relinquish Times
t
3
t
2
CLOCK
LOADOUT
(1:1 MULTIPLEXING)
LOADOUT
(2:1 MULTIPLEXING)
CLOCK
t
4
t
1
Figure 2. LOADOUT vs. Pixel Clock Input (CLOCK, CLOCK)
PIXEL INPUT
DATA*
LOADIN
t8
t9
*INCLUDES PIXEL DATA (R0-R7, G0-G7, B0-B7); PALETTE SELECT INPUTS (PS0-PS1); SYNC; BLANK
VALID
DATA
VALID
DATA
VALID
DATA
t5
t6
t7
Figure 3. LOADIN vs. Pixel Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com