Electronic Components Datasheet Search
  English  ▼

X  

ADV7152 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7152 Datasheet HTML 13Page - Analog Devices ADV7152 Datasheet HTML 14Page - Analog Devices ADV7152 Datasheet HTML 15Page - Analog Devices ADV7152 Datasheet HTML 16Page - Analog Devices ADV7152 Datasheet HTML 17Page - Analog Devices ADV7152 Datasheet HTML 18Page - Analog Devices ADV7152 Datasheet HTML 19Page - Analog Devices ADV7152 Datasheet HTML 20Page - Analog Devices ADV7152 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADV7152
–17–
REV. B
Table IV. Interface Truth Table (8-Bit Databus Mode)*
Databus
R/W
C1
C0
(D9–D0)
Operation
Result
0
1
1
DB7–DB0
Write to Mode Register
DB7–DB0 ¡ MR17–MR10
0
0
0
DB7–DB0
Write to Address Register
DB7–DB0 ¡ A7–A0
0
1
0
DB7–DB0
Write to Control Registers
DB7–DB0 ¡ Control Registers
(Particular Control Register Determined by Address Register (A7–A0))
0
0
1
DB9–DB2
Write to RED Register
DB9–DB2 ¡ R9–R2
0
0
1
DB1–DB0
Write to RED Register
DB1–DB0 ¡ R1–R0
0
0
1
DB9–DB2
Write to GREEN Register
DB9–DB2 ¡ G9–G2
0
0
1
DB1–DB0
Write to GREEN Register
DB1–DB0 ¡ G1–G0
0
0
1
DB9–DB2
Write to BLUE Register
DB9–DB2 ¡ B9–B2
0
0
1
DB1–DB0
Write to BLUE Register
DB1–DB0 ¡ B1–B0
Write RGB Data to RAM Location Pointed to by Address Register (A7-A0)
Address Register = Address Register + 1
1
1
1
DB7–DB0
Read Mode Register
MR17–MR10 ¡ DB7–DB0
1
0
0
DB7–DB0
Read Address Register
A7–A0 ¡ DB7–DB0
1
1
0
DB7–DB0
Read Control Registers
Register Data ¡ DB7–DB0
(Particular Control Register Determined by Address Register)
1
0
1
DB9–DB2
Read RED RAM Location
R9–R2 ¡ DB9–DB2
1
0
1
DB1–DB0
Read RED RAM Location
R1–R0 ¡ DB1–DB0
1
0
1
DB9–DB2
Read GREEN RAM Location
G9–G2 ¡ DB9–DB2
1
0
1
DB1–DB0
Read GREEN RAM Location
G1–G0 ¡ DB1–DB0
1
0
1
DB9–DB2
Read BLUE RAM Location
B9–B2 ¡ DB9–DB2
1
0
1
DB1–DB0
Read BLUE RAM Location
B1–B0 ¡ DB1–DB0
(RAM Location Pointed to by Address Register (A7–A0))
Address Register = Address Register + 1
*Writing or reading 10-bit data (DB9–DB0) over an 8-bit databus (D7–D0) requires two write or two read cycles.
:DB9–DB2 is mapped to D7–D0 on the first cycle.
:DB1–DB0 is mapped to D1–D0 on the second cycle.
DB = Data Bit.
Power-On Reset
On power-up of the ADV7152 executes a power-on reset opera-
tion. This initializes the pixel port such that the pixel sequence
AB starts at A. The Mode Register (MR17–MR10), Command
Register 2 (CR27–CR20) and Command Register 3 (CR37–
CR30) have all bits set to a Logic “1.” Command Register 1
(CR17–CR10) has all bits set to a Logic “0.”
The output clocking signals are also set during this reset period.
PRGCKOUT = CLOCK/32
LOADOUT = CLOCK/2
The power-on reset is activated when VAA goes from 0 V to
5 V. This reset is active for 1
µs. The ADV7152 should not be
accessed during this reset period. The pixel clock should be
applied at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com