Electronic Components Datasheet Search
  English  ▼

X  

ADV7152 Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7152 Datasheet HTML 15Page - Analog Devices ADV7152 Datasheet HTML 16Page - Analog Devices ADV7152 Datasheet HTML 17Page - Analog Devices ADV7152 Datasheet HTML 18Page - Analog Devices ADV7152 Datasheet HTML 19Page - Analog Devices ADV7152 Datasheet HTML 20Page - Analog Devices ADV7152 Datasheet HTML 21Page - Analog Devices ADV7152 Datasheet HTML 22Page - Analog Devices ADV7152 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADV7152
–19–
REV. B
DAC Test Register
(Address Reg (A7–A0) = 01H)
This register is used when the device is in test/diagnostic mode.
It is a 30-bit (10 bits each for RED, GREEN and BLUE) wide
read-only register which allows MPU access to the DAC port,
see “Test Diagnostic” section.
SYNC
, BLANK and IPLL Test Register
(Address Reg (A7–A0) = 02H)
This register is used when the device is in test/diagnostic mode.
It is a 3-bit wide (3 LSBs) read/write register which allows
MPU access to these particular pixel control bits, see “Test
Diagnostic” section.
ID Register
(Address Reg (A7–A0) = 03H)
This is an 8-bit wide “Identification” read-only register. For the
ADV7152 it will always return the hexadecimal value 8CH.
Pixel Mask Register (Address Reg (A7–A0) = 04H)
The contents of the pixel mask register are individually bit-wise
logically AND-ed with the Red, Green and Blue pixel input
stream of data. It is an 8-bit read/write register with D0 corre-
sponding to R0, G0 and B0. For normal operation, this register
is set with FFH.
COMMAND REGISTER 1 (CR1)
(Address Reg (A7–A0) = 05H)
This register contains a number of control bits as shown in the
diagram. CR1 is a 10-bit wide register. However for program-
ming purposes, it may be considered as an 8-bit wide register
(CR18 to CR19 are reserved).
The diagram below shows the various operations under the con-
trol of CR1. This register can be read from as well as written to. In
write mode, “0” should be written to CR11 and CR13–CR17.
In read mode, CR11 and CR13–CR19 are returned as zeros.
COMMAND REGISTER 1 BIT DESCRIPTION
Calibration Control (CR10)
This bit automatically calibrates the onboard LOADIN/
LOADOUT synchronization circuit. MR15 of Mode Register
MR1 must be set to “0.”
SYNCOUT
Control (CR12)
This bit specified whether the video SYNCOUT signal is to be
enabled. On power up a “0” is written to the bit and
“SYNCOUT” is set three-state.
CR12
0
DISABLE
1
ENABLE
SYNCOUT
SYNCOUT CONTROL
CR12
CR11
CR10
CALIBRATION CONTROL
CR10
0
DISABLE
1
CALIBRATES
ON EVERY
VERTICAL
SYNC
(MR15=0)
CR11
(0)
THIS BIT
SHOULD BE
SET TO ZERO
CR17–CR13
(00000)
THESE BITS
SHOULD BE
SET TO ZERO
CR13
CR14
CR15
CR16
CR17
CR18
CR19
CR18
CR19
CR18
CR19
RESERVED
*
CR18
CR19
THESE BITS ARE READ-ONLY RESERVED BITS.
A READ CYCLE WILL RETURN ZEROS "00."
*
Command Register 1 (CR1) (CR19–CR10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com