Electronic Components Datasheet Search
  English  ▼

X  

ADV7152 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7152 Datasheet HTML 21Page - Analog Devices ADV7152 Datasheet HTML 22Page - Analog Devices ADV7152 Datasheet HTML 23Page - Analog Devices ADV7152 Datasheet HTML 24Page - Analog Devices ADV7152 Datasheet HTML 25Page - Analog Devices ADV7152 Datasheet HTML 26Page - Analog Devices ADV7152 Datasheet HTML 27Page - Analog Devices ADV7152 Datasheet HTML 28Page - Analog Devices ADV7152 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADV7152
–25–
REV. B
VAA
VREF
RSET
IOR
IOG
IOB
IPLL
GND
COMP
IOR
IOG
IOB
RSET
280
Ω
1k
Ω
(1% METAL)
AD589
(1.2V REF)
0.1
µF
+5V (VAA)
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
COMPLIMENTARY
OUTPUTS
CO-AXIAL CABLE
(75
Ω)
BNC
CONNECTORS
MONITOR
(CRT)
+5V (VAA)
0.1
µF
ANALOG POWER PLANE
33
µF
0.1
µF
0.01
µF
0.1
µF
0.01
µF
0.1
µF
0.01
µF
0.1
µF
0.01
µF
+5V (VAA)
0.1
µF
+5V (VCC )
L1
(FERRITE BEAD)
NOTES:
1. ALL RESISTORS ARE 1% METAL FILM
2. 0.1
µF AND 0.01µF CAPACITORS ARE CERAMIC
3. ADDITIONAL DIGITAL CIRCUITRY OMITTED FOR CLARITY
ADV7152
POWER SUPPLY DECOUPLING (0.1
µF AND 0.01µF CAPACITOR FOR EACH VAA GROUP)
Recommended Analog Circuit Layout
APPENDIX 2
TYPICAL FRAME BUFFER INTERFACE
CLOCK
ADV7152
CLOCK
LOADOUT
DIVIDE BY M
(+M)
PRGCKOUT
LOADIN
SCKOUT
SCKIN
BLANK
LATCH
ENABLE
SYNC
ECL
TO
TTL
DIVIDE BY N
(
÷ N)
VRAM
(BANK A)
VRAM
(BANK B)
FRAME
BUFFER/
VIDEO MEMORY
MULTIPLEXER
24
TO
PALETTE/RAM
& DAC
24
24
24
24
BLANK
SYNC
CLOCK
GRAPHICS
PROCESSOR/
CONTROLLER
CLOCK GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com