Electronic Components Datasheet Search
  English  ▼

X  

RT8015 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8015 Datasheet HTML 1Page - Richtek Technology Corporation RT8015 Datasheet HTML 2Page - Richtek Technology Corporation RT8015 Datasheet HTML 3Page - Richtek Technology Corporation RT8015 Datasheet HTML 4Page - Richtek Technology Corporation RT8015 Datasheet HTML 5Page - Richtek Technology Corporation RT8015 Datasheet HTML 6Page - Richtek Technology Corporation RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT8015
5
DS8015-03
March 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
l
Supply Input Voltage, VDD, PVDD ---------------------------------------------------------------------------
−0.3V to 6V
l
LX Pin Switch Voltage ------------------------------------------------------------------------------------------
−0.3V to (PVDD+ 0.3V)
l
Other I/O Pin Voltages ------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
l
LX Pin Switch Current ------------------------------------------------------------------------------------------- 4A
l
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) ----------------------------------------------------------------------------------------- 1.33W
l
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ------------------------------------------------------------------------------------75°C/W
SOP-8 (Exposed Pad),
θJC ------------------------------------------------------------------------------------15°C/W
l
Junction Temperature ------------------------------------------------------------------------------------------- 150
°C
l
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------------------- 260
°C
l
Storage Temperature Range -----------------------------------------------------------------------------------
−65°C to 150°C
l
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VDD = 3.3V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VDD
2.6
--
5.5
V
Feedback Reference Voltage
VREF
0.784
0.8
0.816
V
Active , VFB = 0.78V, Not Switching
--
460
--
µA
DC Bias Current
Shutdown
--
--
1
µA
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.04
--
%/V
Output Voltage Load Regulation
0A < ILOAD < 2A
--
0.25
--
%
Error Amplifier
Transconductance
gm
--
800
--
us
Current Sense Transresistance
RT
--
0.4
--
Ω
Power Good Range
--
±12.5
±15
%
Power Good Pull-Down
Resistance
--
--
120
Ω
ROSC = 332k
0.8
1
1.2
MHz
Switching Frequency
Switching Frequency
0.3
--
2
MHz
Sync Frequency Range
0.3
--
2
MHz
To be continued
Recommended Operating Conditions
(Note 4)
l
Supply Input Voltage -------------------------------------------------------------------------------------------- 2.6V to 5.5V
l
Junction Temperature Range ----------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range ----------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com