Electronic Components Datasheet Search
  English  ▼

X  

RT8015 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8015 Datasheet HTML 4Page - Richtek Technology Corporation RT8015 Datasheet HTML 5Page - Richtek Technology Corporation RT8015 Datasheet HTML 6Page - Richtek Technology Corporation RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation RT8015 Datasheet HTML 10Page - Richtek Technology Corporation RT8015 Datasheet HTML 11Page - Richtek Technology Corporation RT8015 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT8015
8
DS8015-03
March 2011
www.richtek.com
VREF vs. Input Voltage
0.800
0.801
0.802
0.803
0.804
0.805
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
Output Ripple
Time (250ns/Div)
ILX
(2A/Div)
VOUT
(10mV/Div)
VIN = 5V, VOUT = 2.5V
IOUT = 2A
VLX
(5V/Div)
Output Ripple
Time (250ns/Div)
ILX
(2A/Div)
VOUT
(10mV/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 2A
VLX
(5V/Div)
Load Transient Response
Time (50
μs/Div)
ILX
(1A/Div)
VOUT
(50mV/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 1A to 2A
Load Transient Response
Time (50
μs/Div)
ILX
(1A/Div)
VOUT
(50mV/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 0A to 2A
Output Voltage vs. Temperature
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com