Electronic Components Datasheet Search
  English  ▼

X  

RT8015 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8015 Datasheet HTML 3Page - Richtek Technology Corporation RT8015 Datasheet HTML 4Page - Richtek Technology Corporation RT8015 Datasheet HTML 5Page - Richtek Technology Corporation RT8015 Datasheet HTML 6Page - Richtek Technology Corporation RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation RT8015 Datasheet HTML 10Page - Richtek Technology Corporation RT8015 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT8015
7
DS8015-03
March 2011
www.richtek.com
Frequency vs. Temperature
1000
1020
1040
1060
1080
1100
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.3V, VOUT = 1.8V
IOUT = 0A
Quiescent Current vs. Input Voltage
450
470
490
510
530
550
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
Quiescent Current vs. Temperature
400
420
440
460
480
500
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.3V
Peak Current Limited vs. Input Voltage
2.0
2.5
3.0
3.5
4.0
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
VOUT = 2.5V
Typical Operating Characteristics
Output Voltage vs. Output Current
1.790
1.792
1.794
1.796
1.798
1.800
1.802
1.804
1.806
1.808
1.810
0
250
500
750
1000 1250 1500 1750 2000
Output Current (mA)
VIN = 3.3V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
250
500
750
1000 1250 1500 1750 2000
Output Current (mA)
VIN = 3.3V, VOUT = 1.8V
VIN = 5V, VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com