Electronic Components Datasheet Search
  English  ▼

X  

RT8015 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8015 Datasheet HTML 5Page - Richtek Technology Corporation RT8015 Datasheet HTML 6Page - Richtek Technology Corporation RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation RT8015 Datasheet HTML 10Page - Richtek Technology Corporation RT8015 Datasheet HTML 11Page - Richtek Technology Corporation RT8015 Datasheet HTML 12Page - Richtek Technology Corporation RT8015 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT8015
9
DS8015-03
March 2011
www.richtek.com
Soft Start and Inrush Current
Time (2.5ms/Div)
IIN
(2A/Div)
VLX
(5V/Div)
VIN = 5V, VOUT = 2.5V
IOUT = 2A
VOUT
(2V/Div)
VIN
(2V/Div)
Soft Start and Inrush Current
Time (2.5ms/Div)
IIN
(2A/Div)
VLX
(5V/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 2A
VOUT
(2V/Div)
VIN
(2V/Div)
Power On & Inductor Current
Time (1ms/Div)
ILX
(2A/Div)
VLX
(5V/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 2A
VOUT
(2V/Div)
VIN
(2V/Div)
Power Good
Time (1ms/Div)
ILX
(2A/Div)
VOUT
(2V/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 2A
PGOOD
(2V/Div)
VIN
(2V/Div)
Power On & Inductor Current
Time (1ms/Div)
ILX
(2A/Div)
VLX
(5V/Div)
VIN = 5V, VOUT = 2.5V
IOUT = 2A
VOUT
(2V/Div)
VIN
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com