Electronic Components Datasheet Search
  English  ▼

X  

RT8015 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation RT8015 Datasheet HTML 10Page - Richtek Technology Corporation RT8015 Datasheet HTML 11Page - Richtek Technology Corporation RT8015 Datasheet HTML 12Page - Richtek Technology Corporation RT8015 Datasheet HTML 13Page - Richtek Technology Corporation RT8015 Datasheet HTML 14Page - Richtek Technology Corporation RT8015 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT8015
14
DS8015-03
March 2011
www.richtek.com
Table 1. Recommended Inductor
Table 2. Recommended Capacitor
Layout Considerations
Follow the PCB layout guidelines for optimal performance of RT8015.
}
A ground plane is recommended. If a ground plane layer is not used, the signal and power grounds should be segregated
with all small-signal components returning to the GND pin at one point that is then connected to the PGND pin close
to the IC. The exposed pad should be connected to GND.
}
Connect the terminal of the input capacitor(s), CIN, as close as possible to the PVDD pin. This capacitor provides the
AC current into the internal power MOSFETs.
}
LX node is with high frequency voltage swing and should be kept small area. Keep all sensitive small-signal nodes
away from LX node to prevent stray capacitive noise pick-up.
}
Flood all unused areas on all layers with copper. Flooding with copper will reduce the temperature rise of power
components. You can connect the copper areas to any DC net (PVDD, VDD, VOUT, PGND, GND, or any other DC rail
in your system).
}
Connect the FB pin directly to the feedback resistors. The resistor divider must be connected between VOUT and
GND.
Figure 5
Component Supplier
Series
Inductance (uH) DCR (m
Ω) Current Rating (mA) Dimensions (mm)
TAIYO YUDEN
NR 4018
2.2
60
2700
4.00 x 4.00 x 1.80
Sumida
CDRH4D28
2.2
31.3
2040
4.50 x 4.50 x 3.00
GOTREND
GTSD53
2.2
29
2410
5.00x 5.00 x 2.80
TAIYO YUDEN
NR 4018
1.0
30
4000
4.00 x 4.00 x 1.80
Sumida
CDRH4D28C/LD
1.0
17.5
3000
4.50 x 4.50 x 3.00
GOTREND
GTSD53
1.0
15
4000
5.00x 5.00 x 2.80
Component Supplier
Part No.
Capacitance (uF)
Case Size
TDK
C3225X5R0J226M
22
1210
TDK
C3225X5R0J226M
22
1210
Panasonic
ECJ4YB0J226M
22
1210
Panasonic
ECJ4YB1A226M
22
1210
TAIYO YUDEN
LMK325BJ226ML
22
1210
TAIYO YUDEN
JMK316BJ226ML
22
1206
VIN
GND
L1
VOUT
GND
CIN
COUT
VOUT
RCOMP
CCOMP
R2
R1
CF
ROSC
CIN must be placed between VDD and
GND as closer as possible
LX should be
connected to
Inductor by wide
and short trace,
keep sensitive
compontents away
from this trace
Output capacitor must be
near RT8015
Connect the FB pin directly to feedback resistors. The
resistor divider must be connected between VOUT and GND.
COMP
VDD
SHDN/RT
LX
GND
FB
PGND
PVDD
4
5
6
3
2
8
7
1
RT8015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com