Electronic Components Datasheet Search
  English  ▼

X  

RT8015 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8015 Datasheet HTML 1Page - Richtek Technology Corporation RT8015 Datasheet HTML 2Page - Richtek Technology Corporation RT8015 Datasheet HTML 3Page - Richtek Technology Corporation RT8015 Datasheet HTML 4Page - Richtek Technology Corporation RT8015 Datasheet HTML 5Page - Richtek Technology Corporation RT8015 Datasheet HTML 6Page - Richtek Technology Corporation RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8015
3
DS8015-03
March 2011
www.richtek.com
Function Block Diagram
Driver
NISEN
Control
Logic
NMOS I Limit
0.9V
0.7V
0.4V
OC
Limit
ISEN
Slope
Com
OSC
Output
Clamp
EA
0.8V
Int-SS
POR
OTP
VREF
COMP
SHDN/RT
GND
FB
PVDD
VDD
PGND
SD
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com