Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3375
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3375 Datasheet HTML 3Page - Linear Technology LTC3375 Datasheet HTML 4Page - Linear Technology LTC3375 Datasheet HTML 5Page - Linear Technology LTC3375 Datasheet HTML 6Page - Linear Technology LTC3375 Datasheet HTML 7Page - Linear Technology LTC3375 Datasheet HTML 8Page - Linear Technology LTC3375 Datasheet HTML 9Page - Linear Technology LTC3375 Datasheet HTML 10Page - Linear Technology LTC3375 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3375
7
3375fa
For more information www.linear.com/3375
Typical perForMance characTerisTics
VCC Supply Current
vs Temperature
VCC Supply Current
vs Temperature
RT Programmed Oscillator
Frequency vs Temperature
Default Oscillator Frequency
vs Temperature
Oscillator Frequency vs VCC
Oscillator Frequency vs RT
VCC Undervoltage Threshold
vs Temperature
Buck VIN Undervoltage Threshold
vs Temperature
VCC Supply Current
vs Temperature
TEMPERATURE (°C)
–50
2.50
2.60
150
3375 G01
2.40
2.30
0
50
100
–25
25
75
125
2.70
2.45
2.55
2.35
2.65
VCC RISING
VCC FALLING
TEMPERATURE (°C)
–50
2.10
2.20
150
3375 G02
2.00
1.90
0
50
100
–25
25
75
125
2.30
2.05
2.15
1.95
2.25
VIN RISING
VIN FALLING
TEMPERATURE (°C)
–50
30
45
50
150
3375 G03
25
20
0
0
50
100
–25
25
75
125
10
60
55
40
35
15
5
ALL REGULATORS
IN SHUTDOWN
VCC = 5.5V
VCC = 3.3V
VCC = 2.7V
TEMPERATURE (°C)
–50
1.95
2.10
150
3375 G06
1.85
1.80
0
50
100
–25
25
75
125
2.20
1.90
2.00
2.05
2.15
VCC = 5.5V
VCC = 3.3V
VCC = 2.7V
RRT = 400k
TEMPERATURE (°C)
–50
1.95
2.10
150
3375 G07
1.85
1.80
0
50
100
–25
25
75
125
2.20
1.90
2.00
2.05
2.15
VCC = 5.5V
VCC = 3.3V
VCC = 2.7V
VRT = VCC
VCC (V)
2.7
1.95
2.10
5.5
3375 G08
1.85
1.80
3.5
4.3
5.1
3.1
3.9
4.7
2.20
1.90
2.00
2.05
2.15
VRT = VCC
RRT = 400k
RRT (k)
250
2.0
2.5
3.0
650
750
700
3375 G09
1.5
1.0
0
350
450
550
300
800
400
500
600
0.5
4.0
3.5
VCC = 3.3V
TEMPERATURE (°C)
–50
100
150
3375 G04
50
0
0
50
100
–25
25
75
125
25
125
75
VCC = 5.5V
VCC = 3.3V
VCC = 2.7V
AT LEAST ONE BUCK ENABLED
SYNC = 0V
FB = 850mV
TEMPERATURE (°C)
–50
320
280
150
3375 G05
160
120
0
0
50
100
–25
25
75
125
80
40
400
360
240
200
VCC = 5.5V
VCC = 3.3V
VCC = 2.7V
AT LEAST ONE BUCK ENABLED
SYNC = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com