Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3375
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 1 Page - Linear Technology

  LTC3375 Datasheet HTML 1Page - Linear Technology LTC3375 Datasheet HTML 2Page - Linear Technology LTC3375 Datasheet HTML 3Page - Linear Technology LTC3375 Datasheet HTML 4Page - Linear Technology LTC3375 Datasheet HTML 5Page - Linear Technology LTC3375 Datasheet HTML 6Page - Linear Technology LTC3375 Datasheet HTML 7Page - Linear Technology LTC3375 Datasheet HTML 8Page - Linear Technology LTC3375 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3375
1
3375fa
For more information www.linear.com/3375
Typical applicaTion
FeaTures
DescripTion
8-Channel Programmable,
Parallelable 1A Buck DC/DCs
The LTC®3375 is a digitally programmable high efficiency
multioutput power supply IC. The DC/DCs consist of eight
synchronous buck converters (IOUT up to 1A each) all
powered from independent 2.25V to 5.5V input supplies.
DC/DC enables, output voltages, operating modes, and
phasing may all be independently programmed over I2C
or used in standalone mode via simple I/O with power-up
defaults. The DC/DCs may be used independently or in
parallel to achieve higher output currents of up to 4A per
output with a shared inductor. Alarm levels for high die
temperaturemayalsobeprogrammedviaI2Cwithamask-
able IRQ output for monitoring DC/DC and system faults.
Pushbutton ON/OFF/RESET control, power-on reset, and
a watchdog timer provide flexible and reliable power-up
sequencing and system monitoring. The LTC3375 is avail-
able in a low profile 48-lead 7mm
× 7mm QFN package.
8-Channel 1A Multioutput Buck Regulator
Buck Efficiency vs Load
applicaTions
n
8-Channel Independent Step-Down DC/DCs
n
Master-Slave Configurable for Up to 4A Per Output
Channel with a Single Inductor
n
Independent VIN Supply for Each DC/DC
(2.25V to 5.5V)
n
All DC/DCs Have 0.425V to VIN Output Voltage Range
n
Precision Enable Pin Thresholds for Autonomous
Sequencing (or I2C Control)
n
1MHz to 3MHz Programmable/Synchronizable
Oscillator Frequency (2MHz Default)
n
I2C Selectable Phasing (90° Steps) Per Channel
n
Programmable Power-On Reset/Watch Dog/
Pushbutton Timing
n
Die Temperature Monitor Output
n
48-Lead (7mm
× 7mm) QFN Package
n
General Purpose Multichannel Power Supplies
n
Industrial/Automotive/Communications
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
0.425V TO VIN1
UP TO 1A
SW1
FB1
VIN1
SW2
FB2
VIN2
SW7
FB7
VIN7
SW8
FB8
VIN8
VSHNT
VCC
FBVCC
ON
PB
4V TO 40V
ALWAYS-ON
LDO
0.425V TO VIN2
UP TO 1A
SLAVE
MASTER
SLAVE
MASTER
SLAVE
MASTER
KILL
PB
EN1
EN2
EN3
EN4
EN5
EN6
EN7
EN8
RST
TEMP
WDI
WD0
IRQ
I2C
SYNC
2
0.425V TO VIN7
UP TO 1A
0.425V TO VIN8
UP TO 1A
RT
LTC3375
CT
3375 TA01a
•
•
•
LOAD CURRENT (mA)
1
10
40
50
60
70
80
100
1000
3375 TA01b
30
20
10
0
90
100
Burst Mode OPERATION
VIN = 3.3V
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
QUAD BUCK
TRIPLE BUCK
DUAL BUCK
SINGLE BUCK


Similar Part No. - LTC3375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3375 LINER-LTC3375 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
LTC3375 LINER-LTC3375 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3375 AD-LTC3375 Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3375 AD-LTC3375 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3375 AD-LTC3375 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results

Similar Description - LTC3375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
8-Channel Parallelable 1A Buck DC/DCs
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3375 LINER-LTC3375_15 Datasheet
510Kb / 36P
8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3374EUHF LINER-LTC3374EUHF Datasheet
1Mb / 10P
8-Channel Parallelable 1A Buck DC/DC
LTC3375EUK LINER-LTC3375EUK Datasheet
748Kb / 14P
8-Channel Programmable, Parallelable, 1A Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com