Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3375
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 3 Page - Linear Technology

  LTC3375 Datasheet HTML 1Page - Linear Technology LTC3375 Datasheet HTML 2Page - Linear Technology LTC3375 Datasheet HTML 3Page - Linear Technology LTC3375 Datasheet HTML 4Page - Linear Technology LTC3375 Datasheet HTML 5Page - Linear Technology LTC3375 Datasheet HTML 6Page - Linear Technology LTC3375 Datasheet HTML 7Page - Linear Technology LTC3375 Datasheet HTML 8Page - Linear Technology LTC3375 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3375
3
3375fa
For more information www.linear.com/3375
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN1-8, FB1-8, EN1-8, VCC, VSHNT, FBVCC, CT,
ON, KILL, IRQ, RST, PB, WDI, WDO, SYNC, RT,
SDA, SCL ..................................................... –0.3V to 6V
TEMP ...................–0.3V to Lesser of (VCC + 0.3V) or 6V
IIRQ, IRST, IWDO, ION .................................................5mA
IVSHNT ......................................................................3mA
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
TOP VIEW
GND
49
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
FB1 1
VIN1 2
SW1 3
SW2 4
VIN2 5
FB2 6
FB3 7
VIN3 8
SW3 9
SW4 10
VIN4 11
FB4 12
36 FB8
35 VIN8
34 SW8
33 SW7
32 VIN7
31 FB7
30 FB6
29 VIN6
28 SW6
27 SW5
26 VIN5
25 FB5
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3375EUK#PBF
LTC3375EUK#TRPBF
LTC3375UK
48-Lead (7mm
× 7mm) Plastic QFN
–40°C to 125°C
LTC3375IUK#PBF
LTC3375IUK#TRPBF
LTC3375UK
48-Lead (7mm
× 7mm) Plastic QFN
–40°C to 125°C
LTC3375HUK#PBF
LTC3375HUK#TRPBF
LTC3375UK
48-Lead (7mm
× 7mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com