Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3375
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3375 Datasheet HTML 26Page - Linear Technology LTC3375 Datasheet HTML 27Page - Linear Technology LTC3375 Datasheet HTML 28Page - Linear Technology LTC3375 Datasheet HTML 29Page - Linear Technology LTC3375 Datasheet HTML 30Page - Linear Technology LTC3375 Datasheet HTML 31Page - Linear Technology LTC3375 Datasheet HTML 32Page - Linear Technology LTC3375 Datasheet HTML 33Page - Linear Technology LTC3375 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC3375
30
3375fa
For more information www.linear.com/3375
Table 8. Global Control Program Register Bit Format
Bit7
RESET_ALL
Default is ‘0’. When asserted all buck converters will power down for 1 second after which the bit will clear itself.
Bit6(DT1)
Bit5(DT0)
DT WARNING
CONTROL
Default is ‘00’ which deactivates the DT warning. ‘01’ programs –140°, ‘10’ programs –125°,
and ‘11’ programs –110°.
Bit4
IGNORE_EN
Default is ‘0’ which allows the EN pins to power on the buck converters. When written to ‘1’ the enable pins will be
ignored. This allows power-down sequencing via I2C even if the EN pins are tied to a logic HIGH voltage source.
Bit3
1KPD
Default is ‘0’ in which the SW node remains in a high impedance state when the regulator is in shutdown. A ‘0’ pulls
the SW node to GND through a 10k resistor. This bit acts on all buck converters at once.
Bit2
SLOW EDGE
This bit controls the slew rate of the switch node. Default is ‘0’ which enables the switch node to slew at a faster
rate, than if the bit were programmed a ‘1’. This bit acts on all buck converters at once.
Bit1
RD_TEMP
Default is ‘0’. This bit commands the temperature A/D to sample the voltage present at the TEMP pin. After a read is
complete this bit will clear itself.
Bit0
Unused
This bit is unused and must be written to “0”
applicaTions inForMaTion
Table 9
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
PGOOD[8]
PGOOD[7]
PGOOD[6]
PGOOD[5]
PGOOD[4]
PGOOD[3]
PGOOD[2]
PGOOD[1]
Table 10
Sub-
Address
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0Ch
PGOOD[8] PGOOD[7] PGOOD[6] PGOOD[5] PGOOD[4] PGOOD[3] PGOOD[2]
PGOOD[1]
0Dh
UVLO[8]
UVLO[7]
UVLO[6]
UVLO[5]
UVLO[4]
UVLO[3]
UVLO[2]
UVLO[1]
0Eh
DT_WARN TEMP[6]
TEMP[5]
TEMP[4]
TEMP[3]
TEMP[2]
TEMP[1]
TEMP[0]
PCB Considerations
When laying out the printed circuit board, the following
list should be followed to ensure proper operation of the
LTC3375:
1. Theexposedpadofthepackage(Pin49)shouldconnect
directly to a large ground plane to minimize thermal and
electrical impedance.
2. All the input supply pins should each have a decoupling
capacitor.
3. Theconnectionstotheswitchingregulatorinputsupply
pins and their respective decoupling capacitors should
be kept as short as possible. The GND side of these
capacitors should connect directly to the ground plane
of the part. These capacitors provide the AC current
to the internal power MOSFETs and their drivers. It is
importanttominimizeinductancefromthesecapacitors
to the VIN pins of the LTC3375.
4. The switching power traces connecting SW1, SW2,
SW3, SW4, SW5, SW6, SW7 and SW8 to their respec-
tive inductors should be minimized to reduce radiated
EMI and parasitic coupling. Due to the large voltage
swing of the switching nodes, high input impedance
sensitive nodes, such as the feedback nodes, should
be kept far away or shielded from the switching nodes
or poor performance could result.
5. The GND side of the switching regulator output capaci-
torsshouldconnectdirectlytothethermalgroundplane
of the part. Minimize the trace length from the output
capacitor to the inductor(s)/pin(s).
6. Inacombinedbuckregulatorapplicationthetracelength
of switch nodes to the inductor must be kept equal to
ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com