Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3375
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3375 Datasheet HTML 19Page - Linear Technology LTC3375 Datasheet HTML 20Page - Linear Technology LTC3375 Datasheet HTML 21Page - Linear Technology LTC3375 Datasheet HTML 22Page - Linear Technology LTC3375 Datasheet HTML 23Page - Linear Technology LTC3375 Datasheet HTML 24Page - Linear Technology LTC3375 Datasheet HTML 25Page - Linear Technology LTC3375 Datasheet HTML 26Page - Linear Technology LTC3375 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTC3375
23
3375fa
For more information www.linear.com/3375
operaTion
An error condition that pulls the RST pin low is not latched.
Whentheerrorconditiongoesaway,theRSTpinisreleased
and is pulled high if no other error condition exists.
In addition to the PGOOD signals of the regulators the
IRQ pin also indicates the status of the pushbutton, die
temperature, and undervoltage flags. Pushbutton faults
cannot be masked. A fault that causes the IRQ pin to be
pulled low is latched with the exception of a pushbutton
pressthatislessthan10seconds(CT=0.01µF)whileONis
HIGH. In the case of a transient pushbutton press IRQ will
be held LOW for the duration of the button press latching
after the 10 second power-down time has elapsed. In all
other cases when the fault condition is cleared, the IRQ
pin is still maintained in its low state. The user needs to
clear the interrupt by using a CLRINT command.
On start-up, all PGOOD status outputs are unmasked with
respect to RST. While all PGOOD and UVLO status outputs
are masked with respect to IRQ. A power-on reset will
cause RST to be pulled low. Once all enabled regulators
have their output PGOOD for 230ms typical (CT = 0.01µF)
the RST output goes Hi-Z.
BymaskingaPGOODsignal,theRSTorIRQpinwillremain
Hi-Z even though the output voltage of a regulator may be
below its PGOOD threshold. By masking a UVLO signal,
the IRQ pin will remain Hi-Z even though its associated
input voltage may be below its UVLO threshold. However,
when the status registers are read back, the true condi-
tions of PGOOD and UVLO are reported. If a UVLO IRQ is
masked but the associated PGOOD signal is unmasked,
then the IRQ pin may still be pulled low due to a PGOOD
LOW signal that resulted from an input UVLO.
Temperature Monitoring and
Overtemperature Protection
To prevent thermal damage to the LTC3375 and its sur-
rounding components, the LTC3375 incorporates an
overtemperature (OT) function. When the LTC3375 die
temperature reaches 165°C (typical) all enabled buck
switching regulators are shut down and remain in shut-
down until the die temperature falls to 155°C (typical).
The LTC3375 also has a die temperature warning function
which warns a user that the die temperature has reached
its programmed alarm threshold which allows the user to
take any corrective action. The die temperature warning
threshold is user programmable as shown in Table 2.
3375 F04
RST MASK REGISTER
PGOOD
COMPARATOR
VOUT
IRQ MASK REGISTER
REGULATOR
92.5% OF PROGRAMMED VOUT
OTHER UNMASKED
PGOOD OUTPUTS
UNMASKED
PGOOD OUTPUTS
UNMASKED
ERROR
EXTERNAL PULL-UP RESISTOR
AND1
AND2
OTHER UNMASKED
ERRORS
IRQ STATUS REGISTER
SET
CLR
CLRINT
EXTERNAL PULL-UP RESISTOR
IRQ
RST
VCC
VCC
Figure 4. Simplified Schematic RST and IRQ Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com