Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3375
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 5 Page - Linear Technology

  LTC3375 Datasheet HTML 1Page - Linear Technology LTC3375 Datasheet HTML 2Page - Linear Technology LTC3375 Datasheet HTML 3Page - Linear Technology LTC3375 Datasheet HTML 4Page - Linear Technology LTC3375 Datasheet HTML 5Page - Linear Technology LTC3375 Datasheet HTML 6Page - Linear Technology LTC3375 Datasheet HTML 7Page - Linear Technology LTC3375 Datasheet HTML 8Page - Linear Technology LTC3375 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC3375
5
3375fa
For more information www.linear.com/3375
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VIN1-8 = 3.3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPGOOD(FALL)
Falling PGOOD Threshold Voltage
Full-Scale (1, 1, 1, 1) Reference Voltage
92.5
%
VPGOOD(HYS)
PGOOD Hysteresis
1
%
Buck Regulators Combined
IFWD2
PMOS Current Limit
2 Buck Converters Combined (Note 5)
4.6
A
IFWD3
PMOS Current Limit
3 Buck Converters Combined (Note 5)
6.9
A
IFWD4
PMOS Current Limit
4 Buck Converters Combined (Note 5)
9.2
A
VCC Regulator
VFBVCC
FBVCC Regulation Voltage
1.17
1.2
1.23
V
RREG
Pull-Down Resistance for VCC
(Regulator)
200
Ω
VVSHNT_MAX
VSHNT Clamp Voltage
ISHNT = 2mA, FBVCC = 0V
6.1
V
RCLAMP
Pull-Down Resistance for VSHNT (Clamp)
200
Ω
I2C Port
ADDRESS
I2C Address
l
0110100[R/WB]
VIH
Input High Voltage
SDA/SCL
l
1.2
V
VIL
Input Low Voltage
SDA/SCL
l
0.4
V
IIH
Input High Current
SDA/SCL
50
nA
IIL
Input Low Current
SDA/SCL
50
nA
VOL_SDA
SDA Output Low Voltage
ISDA = 3mA
0.4
V
fSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
µs
tHD_SDA
Hold Time After Repeated Start
Condition
0.6
µs
tSU_STA
Repeated Start Condition Set-Up Time
0.6
µs
tSU_STO
Stop Condition Set-Up Time
0.6
µs
tHD_DAT(O)
Data Hold Time Output
0
900
ns
tHD_DAT(I)
Data Hold Time Input
0
ns
tSU_DAT
Data Set-Up Time
250
ns
tLOW
SCL Clock Low Period
1.3
µs
tHIGH
SCL Clock High Period
0.6
µs
tf
Clock/Data Fall Time
CB = Capacitance of One Bus Line (pF)
20+0.1CB
300
ns
tr
Clock/Data Rise Time
CB = Capacitance of One Bus Line (pF)
20+0.1CB
300
ns
Interface Logic Pins (ON, KILL, RST, IRQ, PB, WDI, WDO)
IOH
Output High Leakage Current
ON, RST, IRQ, WDO 5.5V at Pin
-1
1
µA
VOL
Output Low Voltage
ON, RST, IRQ, WDO 3mA Into Pin
0.1
0.4
V
VIH
Input High Threshold
KILL, PB, WDI
l
1.2
V
VIL
Input Low Threshold
KILL, PB, WDI
l
0.4
mV
tWDI
Time From Last WDI
1.5
sec
tWDO
WDO Low Time Absent a Transition at WDI
200
ms
tWDRESET
Time From a WDI Transition Until the
WD Timer Is Reset
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com