Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3959
9
3959f
APPLICATIONS INFORMATION
Main Control Loop
The LT3959 uses a fixed frequency, current mode control
scheme to provide excellent line and load regulation.
Operation can be best understood by referring to the Block
Diagram in Figure 1.
The start of each oscillator cycle sets the SR latch (SR1)
and turns on the internal power MOSFET switch M1 through
driver G2. The switch current flows through the internal
current sensing resistor RSENSE and generates a voltage
proportional to the switch current. This current sense
voltage VISENSE (amplified by A5) is added to a stabilizing
slope compensation ramp and the resulting sum (SLOPE)
is fed into the positive terminal of the PWM comparator A7.
When SLOPE exceeds the level at the negative input of A7
(VC pin), SR1 is reset, turning off the power switch. The
level at the negative input of A7 is set by the error amplifier
A1 (or A2) and is an amplified version of the difference
between the feedback voltage (FBX pin) and the reference
voltage (1.6V or –0.8V, depending on the configuration).
In this manner, the error amplifier sets the correct peak
switch current level to keep the output in regulation.
The LT3959 has a switch current limit function. The cur-
rent sense voltage is input to the current limit comparator
A6. If the SENSE voltage is higher than the sense current
limit threshold VSENSE(MAX) (45mV, typical), A6 will reset
SR1 and turn off M1 immediately.
The LT3959 is capable of generating either positive or
negative output voltage with a single FBX pin. It can be
configured as a boost or SEPIC converter to generate
positive output voltage, or as an inverting converter to
generate negative output voltage. When configured as a
SEPIC converter, as shown in Figure 1, the FBX pin is pulled
up to the internal bias voltage of 1.6V by a voltage divider
(R1 and R2) connected from VOUT to SGND. Comparator
A2 becomes inactive and comparator A1 performs the
inverting amplification from FBX to VC. When the LT3959 is
in an inverting configuration, the FBX pin is pulled down to
–0.8V by a voltage divider connected from VOUT to SGND.
Comparator A1 becomes inactive and comparator A2
performs the noninverting amplification from FBX to VC.
The LT3959 has overvoltage protection functions to protect
the converter from excessive output voltage overshoot
during start-up or recovery from a short-circuit condition.
An overvoltage comparator A11 (with 40mV hysteresis)
senses when the FBX pin voltage exceeds the positive
regulated voltage (1.6V) by 7.5% and turns off M1.
Similarly, an overvoltage comparator A12 (with 20mV
hysteresis) senses when the FBX pin voltage exceeds the
negative regulated voltage (–0.8V) by 7.5% and turns
off M1. Both reset pulses are sent to the main RS latch
(SR1) through G6 and G5. The internal power MOSFET
switch M1 is actively held off for the duration of an output
overvoltage condition.
Programming Turn-On and Turn-Off Thresholds with
EN/UVLO Pin
The EN/UVLO pin controls whether the LT3959 is enabled
or is in shutdown state. A micropower 1.22V reference, a
comparator A10 and controllable current source IS1 allow
the user to accurately program the supply voltage at which
the IC turns on and off. The falling value can be accurately
set by the resistor dividers R3 and R4. When EN/UVLO
is above 0.7V, and below the 1.22V threshold, the small
pull-down current source IS1 (typical 2.2μA) is active.
The purpose of this current is to allow the user to program
the rising hysteresis. The Block Diagram of the comparator
and the external resistors is shown in Figure 1. The typical
falling threshold voltage and rising threshold voltage can
be calculated by the following equations:
VVIN(FALLING) = 1.22 •
(R3
+R4)
R4
VVIN(RISING) =2.2μA • R3+ VIN(FALLING)
For applications where the EN/UVLO pin is only used as
a logic input, the EN/UVLO pin can be connected directly
to the input voltage VIN for always-on operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com