Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3959
6
3959f
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC vs Temperature
INTVCC Load Regulation
INTVCC Line Regulation
INTVCC Dropout Voltage
vs Current, Temperature
Internal Switch On-Resistance
vs Temperature
Internal Switch On-Resistance
vs INTVCC
EN/UVLO Threshold
vs Temperature
SW Minimum On- and Off-Times
vs Temperature
EN/UVLO Hysteresis Current
vs Temperature
TEMPERATURE (°C)
–50
60
40
50
30
125
100
75
50
3959 G17
0
–25
25
20
INTCCC (V)
2
50
45
40
35
5
4
4.5
3959 G18
3
2.5
3.5
30
TEMPERATURE (°C)
–50
1.27
1.25
1.23
1.21
1.19
1.17
0
125
3959 G10
–25
25
50
75
100
EN/UVLO RISING
EN/UVLO FALLING
TEMPERATURE (°C)
–50
2.4
2.2
2.0
1.8
1.6
0
125
3959 G12
–25
25
50
75
100
INTVCC LOAD (mA)
0
4
5
4.5
25
3959 G14
3.5
5
15
10
20
3
DRIVE LDO
VIN LDO (DRIVE = 0V)
INTVCC LOAD (mA)
0
200
400
300
25
3959 G16
100
5
15
10
20
0
VIN = 12V
DRIVE = 4V
125°C
25°C
–40°C
TEMPERATURE (°C)
–50
5.0
4.8
4.6
4.4
4.0
3.8
4.2
3.6
0
125
3959 G13
–25
25
50
75
100
DRIVE LDO
VIN LDO
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
200
190
180
170
160
150
140
130
0
125
3959 G11
–25
25
50
75
100
MINIMUM
OFF TIME
MINIMUM
ON TIME
VIN (V)
0
5.0
4.5
4.0
45
35
40
3959 G15
3.5
5
15
10
20
30
25
3.0
DRIVE LDO
DRIVE = 6V
DRIVE = 0V
VIN LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com