Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3959
10
3959f
INTVCC Low Dropout Voltage Regulators
The LT3959 features two internal low dropout (LDO) volt-
age regulators (VIN LDO and DRIVE LDO) powered from
different supplies (VINandDRIVErespectively).BothLDO’s
regulate the internal INTVCC supply which powers the gate
driver and the internal loads, as shown in Figure 1. Both
regulators are designed so that current does not flow from
INTVCC to the LDO input under a reverse bias condition.
DRIVE LDO regulates the INTVCC to 4.75V, while VIN LDO
regulates the INTVCC to 3.75V. VIN LDO is turned off when
the INTVCC voltage is greater than 3.75V (typical). Both
LDO’s can be turned off if the INTVCC pin is driven by a
supply of 4.75V or higher but less than 8V (the INTVCC
maximum voltage rating is 8V). A table of the LDO sup-
ply and output voltage combination is shown in Table 1.
Table 1. LDO’s Supply and Output Voltage Combination (Assuming
That the LDO Dropout Voltage is 0.15V)
SUPPLY VOLTAGES
LDO OUTPUT
LDO STATUS
(Note 7)
VIN
DRIVE
INTVCC
VIN ≤ 3.9V
VDRIVE < VIN
VIN – 0.15V
#1 Is ON
VDRIVE = VIN
VIN – 0.15V
#1 #2 are ON
VIN < VDRIVE < 4.9V VDRIVE – 0.15V
#2 Is ON
4.9V ≤ VDRIVE ≤ 40V
4.75V
#2 Is ON
3.9V < VIN ≤ 40V
VDRIVE < 3.9V
3.75V
#1 Is ON
VDRIVE = 3.9V
3.75V
#1 #2 are ON
3.9V < VDRIVE < 4.9V VDRIVE – 0.15V
#2 Is ON
4.9V ≤ VDRIVE ≤ 40V
4.75V
#2 Is ON
Note 7: #1 is VIN LDO and #2 is DRIVE LDO
The DRIVE pin provides flexibility to power the gate driver
and the internal loads from a supply that is available only
when the switcher is enabled and running. If not used,
the DRIVE pin should be tied to VIN.
The INTVCC pin must be bypassed to SGND immediately
adjacent to the INTVCCpinwithaminimumof4.7μFceramic
capacitor. Good bypassing is necessary to supply the high
transient currents required by the MOSFET gate driver.
Operating Frequency and Synchronization
The choice of operating frequency may be determined
by on-chip power dissipation, otherwise it is a trade-off
between efficiency and component size. Low frequency op-
eration improves efficiency by reducing gate drive current
and internal MOSFET and diode switching losses. However,
lower frequency operation requires a physically larger
inductor. Switching frequency also has implications for
loop compensation. The LT3959 uses a constant-frequency
architecture that can be programmed over a 100kHz to
1MHz range with a single external resistor from the RT
pin to SGND, as shown in Figure 1. The RT pin must have
an external resistor to SGND for proper operation of the
LT3959. A table for selecting the value of RT for a given
operating frequency is shown in Table 2.
Table 2. Timing Resistor (RT) Value
OSCILLATOR FREQUENCY (kHz)
RT (kΩ)
100
86.6
200
41.2
300
27.4
400
21.0
500
16.5
600
13.7
700
11.5
800
9.76
900
8.45
1000
6.81
The switching frequency of the LT3959 can be synchro-
nized to the positive edge of an external clock source.
By providing a digital clock signal into the SYNC pin,
the LT3959 will operate at the SYNC clock frequency. If
this feature is used, an RT resistor should be chosen to
program a switching frequency 20% slower than SYNC
pulse frequency. The SYNC pulse should have a minimum
pulse width of 200ns. Tie the SYNC pin to SGND if this
feature is not used.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com