Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT3959
20
3959f
TYPICAL APPLICATIONS
2.5V to 5V Input, –5V Output Inverting Converter
Efficiency vs Output Current
GND
LT3959
VIN
VIN
2.5V TO 5V
CIN
47μF
10V
X5R
CDC
4.7μF, 25V
X7R
1μF
16V
X5R
DRIVE
FBX
INTVCC
SS
RT
EN/UVLO
SYNC
PGOOD
SGND
VC
L1B
L1A
GNDK
SW
22k
9.09k
10nF
0.1μF
27.4k
300kHz
124k
121k
CVCC
4.7μF
10V
X5R
VOUT
–5V
1A
3959 TA02
D2
D1
84.5k
15.8k
L1A, L1B: COILTRONICS DRQ127-3R3
D1: VISHAY 6CWQ03FN
D2: PHILIPS PMEG2005EJ
COUT
47μF
10V
X5R
×2
OUTPUT CURRENT (mA)
0
100
600
3759 TA02a
200
400
1000
800
70
60
80
90
50
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com