Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT3959
17
3959f
APPLICATIONS INFORMATION
Inverting Converter: Output Diode and Input Capacitor
Selections
The selections of the inductor, output diode and input
capacitor of an inverting converter are similar to those of
the SEPIC converter. Please refer to the corresponding
SEPIC converter sections.
Inverting Converter: Output Capacitor Selection
The inverting converter requires much smaller output
capacitors than those of the boost and SEPIC converters
for similar output ripple. This is due to the fact that, in the
inverting converter, the inductor L2 is in series with the
output, and the ripple current flowing through the output
capacitors are continuous. The output ripple voltage is
produced by the ripple current of L2 flowing through the
ESR and bulk capacitance of the output capacitor:
ΔVOUT(P−P) =ΔIL2 •ESRCOUT +
1
8• fOSC •COUT
⎛
⎝
⎜
⎞
⎠
⎟
After specifying the maximum output ripple, the user can
select the output capacitors according to the preceding
equation.
The ESR can be minimized by using high quality X5R or
X7R dielectric ceramic capacitors. In many applications,
ceramic capacitors are sufficient to limit the output volt-
age ripple.
The RMS ripple current rating of the output capacitor
needs to be greater than:
IRMS(COUT) > 0.3 • ΔIL2
Inverting Converter: Selecting the DC Coupling
Capacitor
The DC voltage rating of the DC coupling capacitor (CDC,
as shown in Figure 4) should be larger than the maximum
input voltage minus the output voltage (negative voltage):
VCDC > VIN(MAX) – VOUT
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
IRMS(CDC) > IO(MAX) •
DMAX
1– DMAX
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
Board Layout
The high power and high speed operation of the LT3959
demands careful attention to board layout and component
placement. Careful attention must be paid to the internal
power dissipation of the LT3959 at high input voltages,
high switching frequencies, and high internal power switch
currents to ensure that a junction temperature of 125°C is
not exceeded. This is especially important when operating
at high ambient temperatures. Exposed pads on the bot-
tom of the package are SGND and SW terminals of the IC,
and must be soldered to a SGND ground plane and a SW
plane respectively. It is recommended that multiple vias
in the printed circuit board be used to conduct heat away
from the IC and into the copper planes with as much as
area as possible.
To prevent radiation and high frequency resonance prob-
lems, proper layout of the components connected to the
IC is essential, especially the power paths with higher
di/dt. The following high di/dt loops of different topologies
shouldbekeptastightaspossibletoreduceinductiveringing:
• In boost configuration, the high di/dt loop contains the
output capacitor, the internal power MOSFET and the
Schottky diode.
• In SEPIC configuration, the high di/dt loop contains
the internal power MOSFET, output capacitor, Schottky
diode and the coupling capacitor.
• In inverting configuration, the high di/dt loop contains
internal power MOSFET, Schottky diode and the coupling
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com