Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 4Page - Linear Technology LTC6409 Datasheet HTML 5Page - Linear Technology LTC6409 Datasheet HTML 6Page - Linear Technology LTC6409 Datasheet HTML 7Page - Linear Technology LTC6409 Datasheet HTML 8Page - Linear Technology LTC6409 Datasheet HTML 9Page - Linear Technology LTC6409 Datasheet HTML 10Page - Linear Technology LTC6409 Datasheet HTML 11Page - Linear Technology LTC6409 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC6417
8
6417f
Typical perForMance characTerisTics
HD3 at 70MHz vs VCM Over V+
HD3 at 70MHz
vs PWRADJ Over Temperature
HD3 at 30MHz vs VCM Over V+
HD3 at 30MHz
vs PWRADJ Over Temperature
HD3 at 70MHz
vs VCM Over Temperature
HD3 at 30MHz
vs VCM Over Temperature
VCM (V)
6417 G01
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–50
–60
–80
–70
–90
–100
105°C
85°C
25°C
–40°C
POUT = 11dBm
VCM (V)
6417 G02
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–50
–60
–80
–70
–90
–100
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
PWRADJ (V)
6417 G03
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–50
–60
–80
–70
–90
–100
105°C
85°C
25°C
–40°C
POUT = 11dBm
VCM (V)
6417 G04
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–45
–55
–75
–65
–85
–95
POUT = 11dBm
–40°C
25°C
105°C
85°C
VCM (V)
6417 G05
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–50
–60
–80
–70
–90
–100
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
PWRADJ (V)
6417 G06
0
4.5 5
4
3 3.5
2.5
2
1.5
1
0.5
–50
–60
–80
–70
–90
–100
–40°C
25°C
105°C
85°C
POUT = 11dBm
HD3 at 140MHz vs VCM Over V+
HD3 at 140MHz
vs PWRADJ Over Temperature
HD3 at 140MHz
vs VCM Over Temperature
VCM (V)
6417 G08
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–40
–50
–70
–60
–80
–90
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
VCM (V)
6417 G07
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–40
–50
–70
–60
–80
–90
–40°C
25°C
POUT = 11dBm
105°C
85°C
PWRADJ (V)
6417 G09
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–40
–50
–70
–60
–80
–90
–40°C
25°C
85°C
105°C
POUT = 11dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com