Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 12Page - Linear Technology LTC6409 Datasheet HTML 13Page - Linear Technology LTC6409 Datasheet HTML 14Page - Linear Technology LTC6409 Datasheet HTML 15Page - Linear Technology LTC6409 Datasheet HTML 16Page - Linear Technology LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology LTC6409 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC6417
16
6417f
pin FuncTions
V+ (Pins 1, 6, 11, 16): Positive Power Supply. Typically 5V.
Split supplies are possible as long as the voltage between
V+ and GND is 4.75V to 5.25V. Bypass capacitors of 680pF
and 0.1µF as close to the part as possible should be used
between the supplies.
CLHI (Pin 2): High Side Clamp Voltage. The voltage ap-
plied to the CLHI pin defines the upper voltage limit of
the OUT+ and OUT– pins. This voltage should be set at
least 300mV above the upper voltage range of the ADC.
On a 5V supply, the CLHI pin will float to a 2.5V default
voltage. CLHI has a Thevenin equivalent of approximately
4.8kΩ and can be overdriven by an external voltage. The
CLHI pin should be bypassed with a high quality ceramic
bypass capacitor of at least 0.01µF.
GND (Pins 3, 7, 10, 17, 20, Exposed Pad Pin 21): Nega-
tive Power Supply. Normally tied to ground. All pins and
the exposed pad must be tied to the same voltage. GND
may be tied to a voltage other than ground as long as the
voltage between V+ and GND is 4.75V to 5.25V. If the GND
pins are not tied to ground, bypass each with 680pF and
0.1µF capacitors as close to the package as possible. The
exposed pad must be soldered to the printed circuit board
ground plane for good heat transfer.
NC (Pins 4, 13): No Connection. These pins are not con-
nected internally.
PWRADJ (Pin 5): Power Adjust Voltage. The voltage
applied to this pin scales the bias current internal to the
LTC6417. The PWRADJ pin will float to a 1.6V default
voltage. PWRADJ has a Thevenin equivalent resistance of
approximately 14.5k and can be overdriven by an external
voltage. The PWRADJ pin should be bypassed with a high
quality ceramic bypass capacitor of at least 0.01µF.
IN+, IN– (Pin 8, Pin 9): Non-inverting and inverting input
pins of the buffer, respectively. These pins are high imped-
ance, approximately 9.5k. If AC-coupled, these pins will
self bias to the voltage applied to the VCM pin.
SHDN (Pin 12): This pin puts the LTC6417 in sleep mode
when pulled high. If no voltage is applied to the SHDN pin,
it floats down to the same potential as GND.
VOR (Pin 14): Overrange Output. This pin, by default at
3.4V, will be pulled down to GND, when one or both input
signals go beyond the minimum or maximum swing set
by the CLHI and VCM pins.
VCM(Pin15):Thispinsetstheoutputcommonmodevolt-
age seen at OUT+ and OUT– by driving IN+ and IN– through
a buffer with a high output resistance of 9.5k. The VCM
pin has a Thevenin equivalent resistance of approximately
2.7k and can be overdriven by an external voltage. If no
voltage is applied to VCM, it will float to a default voltage of
approximately 1.25V on a 5V supply. The VCM pin should
be bypassed with a high quality ceramic bypass capacitor
of at least 0.01µF.
OUT–, OUT+ (Pin 18, Pin 19): Outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com