Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 7Page - Linear Technology LTC6409 Datasheet HTML 8Page - Linear Technology LTC6409 Datasheet HTML 9Page - Linear Technology LTC6409 Datasheet HTML 10Page - Linear Technology LTC6409 Datasheet HTML 11Page - Linear Technology LTC6409 Datasheet HTML 12Page - Linear Technology LTC6409 Datasheet HTML 13Page - Linear Technology LTC6409 Datasheet HTML 14Page - Linear Technology LTC6409 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC6417
11
6417f
Typical perForMance characTerisTics
OIP3 at 70MHz vs VCM Over V+
OIP3 at 70MHz
vs PWRADJ Over Temperature
OIP3 at 70MHz
vs VCM Over Temperature
OIP3 at 100MHz vs VCM Over V+
OIP3 at 100MHz
vs PWRADJ Over Temperature
OIP3 at 100MHz
vs VCM Over Temperature
OIP3 at 140MHz vs VCM Over V+
OIP3 at 140MHz
vs PWRADJ Over Temperature
OIP3 at 140MHz
vs VCM Over Temperature
VCM (V)
6417 G28
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
–40°C
25°C
85°C
105°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G29
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G30
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
55
50
40
45
30
35
25
–40°C
105°C
25°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G31
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
–40°C
25°C
105°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G32
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G33
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
55
50
40
45
30
35
25
25°C
–40°C
105°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G34
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
–40°C
105°C
25°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G35
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
55
50
40
45
30
25
35
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G36
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
55
50
40
45
30
35
25
105°C
85°C
25°C
–40°C
POUT = 5dBm/TONE
∆FREQ = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com