Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 11Page - Linear Technology LTC6409 Datasheet HTML 12Page - Linear Technology LTC6409 Datasheet HTML 13Page - Linear Technology LTC6409 Datasheet HTML 14Page - Linear Technology LTC6409 Datasheet HTML 15Page - Linear Technology LTC6409 Datasheet HTML 16Page - Linear Technology LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC6417
15
6417f
Typical perForMance characTerisTics
LTC6417 Driving LTC2209 16-Bit ADC,
32K Point FFT, fIN = 69.5MHz and
70.5MHz, –7dBFS/Tone, PGA = 0
LTC6417 Driving LTC2209
16-Bit ADC, 64K Point FFT,
fIN = 140MHz, –1dBFS, PGA = 0
LTC6417 Driving LTC2209
16-Bit ADC, 64K Point FFT,
fIN = 270MHz, –1dBFS, PGA = 0
LTC6417 Driving LTC2209
16-Bit ADC, 64K Point FFT,
fIN = 380MHz, –1dBFS, PGA = 0
FREQUENCY (MHz)
6417 G64
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
HD2 = –88dBc
HD3 = –94dBc
SFDR = 88dBc
SNR = 75.4dB
SEE FIGURE 1/TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD DC1685A
2
3
1
FREQUENCY (MHz)
6417 G66
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
HD2 = –65dBc
HD3 = –74dBc
SFDR = 65dBc
SNR = 71.0dB
SEE FIGURE 1/TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD DC1685A
2
3
1
FREQUENCY (MHz)
6417 G67
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
IM3 = –85dBc
SEE FIGURE 1/TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD DC1685A
FREQUENCY (MHz)
6417 G68
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
IM3 = –80dBc
SEE FIGURE 1/TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD DC1685A
FREQUENCY (MHz)
6417 G65
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
HD2 = –81dBc
HD3 = –80dBc
SFDR = 80dBc
SNR = 73.3dB
SEE FIGURE 1/
TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD
DC1685A
2
3
1
FREQUENCY (MHz)
6417 G69
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
IM3 = –75dBc
SEE FIGURE 1/
TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD
DC1685A
LTC6417 Driving LTC2209 16-Bit ADC,
64K Point FFT, fIN = 139.5MHz and
140MHz, –7dBFS/Tone, PGA = 0
LTC6417 Driving LTC2209 16-Bit ADC,
64K Point FFT, fIN = 269.5MHz and
270.5MHz, –7dBFS/Tone, PGA = 0
LTC6417 Driving LTC2209 16-Bit ADC,
64K Point FFT, fIN = 379.5MHz and
380.5MHz, –7dBFS/Tone, PGA = 0
FREQUENCY (MHz)
6417 G70
0
80
40
30
20
70
60
50
10
0
–20
–30
–10
–50
–60
–40
–70
–80
–100
–110
–90
–120
IM3 = –72dBc
SEE FIGURE 1/TABLE 1
1:4 BALUN
fS = 153.6Msps
DEMO BOARD DC1685A
Input Referred Noise Voltage
vs Frequency and Noise Figure for
the DC1660B with 1:4 Input Balun
Input Referred Noise Voltage
vs Frequency and Noise Figure for
the DC1660B with 1:1 Input Balun
FREQUENCY (MHz)
6417 G71
0.001
0.1
0.01
1k
100
10
1
28
24
4
8
20
16
12
0
28
24
4
8
20
16
12
0
NOISE FIGURE PWRADJ = 5V
NOISE FIGURE PWRADJ = 0V
NOISE DENSITY PWRADJ = 5V
NOISE DENSITY PWRADJ = 0V
FREQUENCY (MHz)
6417 G72
0.001
0.1
0.01
1k
100
10
1
24
4
8
20
16
12
0
24
4
8
20
16
12
0
NOISE FIGURE PWRADJ = 5V
NOISE FIGURE PWRADJ = 0V
NOISE DENSITY PWRADJ = 5V
NOISE DENSITY PWRADJ = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com