Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 13Page - Linear Technology LTC6409 Datasheet HTML 14Page - Linear Technology LTC6409 Datasheet HTML 15Page - Linear Technology LTC6409 Datasheet HTML 16Page - Linear Technology LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology LTC6409 Datasheet HTML 20Page - Linear Technology LTC6409 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC6417
17
6417f
Dc TesT circuiT scheMaTic
19
15
2
8
9
5
3, 7, 10, 17, 20, 21
12
18
14
CLOAD
V+
V+
1, 6, 11, 16
OUT–
SHDN
6417 TC
OUT+
OUT–
OUT+
RLOAD
VCM
VCM
IN+
IN+
CLHI
CLHI
PWRADJ
PWRADJ
IN–
IN–
LTC6417
VINDIFF = IN+ – IN–
IN+ + IN–
2
VINCM =
VOUTDIFF = OUT+ – OUT–
OUT+ + OUT–
2
VOUTCM =
VOR
VOR
block DiagraM
LTC6417 Simplified Schematic
REFERENCE AND
BIAS CONTROL
I1
I2
×1
VCM
CLHI
CLLO
IN+
IN–
PWRADJ
QP3
QP1
QP4
QP2
I3
I4
SHDN
QN1
QN3
QN2
QN4
V+
OUT–
GND
6417 BD
OUT+
×2
×1
+
–
VOR
OVER
RANGE
DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com