Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 21Page - Linear Technology LTC6409 Datasheet HTML 22Page - Linear Technology LTC6409 Datasheet HTML 23Page - Linear Technology LTC6409 Datasheet HTML 24Page - Linear Technology LTC6409 Datasheet HTML 25Page - Linear Technology LTC6409 Datasheet HTML 26Page - Linear Technology LTC6409 Datasheet HTML 27Page - Linear Technology LTC6409 Datasheet HTML 28Page - Linear Technology LTC6409 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC6417
25
6417f
applicaTions inForMaTion
the LTC6417 as a post-amplifier for the LTC5567, it is pos-
sible to achieve IF bandwidths in excess of 500MHz, while
addingbandpassfiltering.Akeytoachievingthisextremely
wide IF bandwidth is the use of pre-emphasis inductors
in series with the LTC6417 inputs to compensate for the
inherent rolloff caused by the LTC6417 input capacitance
interacting with the interface impedance. In the example
seen in Figure 14, a value of 33nH for each pre-emphasis
inductor gives excellent wideband performance. Figure 15
shows performance for various values of L. For L = 33nH,
overall conversion gain remains within 1dB from 90MHz
to 590MHz, resulting in 500MHz of IF bandwidth.
Test Circuits
Due to the fully differential design of the LTC6417 and its
usefulnessinapplicationsbothwithandwithoutADCs,two
test circuits have been used to generate the information
in this data sheet. Test circuit A is DC1660B, a two-port
demonstration circuit for the LTC6417. The board layout
and the schematic are shown in Figures 16 and 17. These
circuits include a 1:4 input balun and a 1:1 output balun
forsingle-ended-to-differentialconversion,allowingdirect
analysisusinga2-portnetworkanalyzer.Includingtheinput
and output baluns, the –3dB bandwidth is approximately
600MHz. A 1:4 input balun before the LTC6417 inputs
provides 6dB of voltage gain, but results in better noise
figure performance compared to a 1:1 input balun. Noise
figure measurements for both input baluns can be found
in the graphs.
TestcircuitBisDC1685A.ItconsistsofanLTC6417driving
an LTC2209 16-bit 153.6Msps ADC. It is intended for use
in conjunction with DC890B (computer interface board)
and proprietary Linear Technology evaluation software
to evaluate the performance of both parts together. Both
the DC1685A board layout and the schematic can be seen
Figures 18 and 19.
IF FREQUENCY (MHz)
6417 F15
40
140
740
340
640
540
440
240
2
1
0
–5
–4
–6
–2
–1
–3
–7
L = 33nH
L = 18nH
L = 0nH
LPF
Figure 14
Figure 15
RF
1.69GHz
TO
2.39GHz
LO
1.65GHz
6417 F14
127
L
1nF
23.2
1nF
LTC6417
127
390n
390n
10nF
249
VCC
IF+
IF–
249
L
1nF
IFOUT
50
1:1
1nF
23.2
LTC5567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com