Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6409
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 16Page - Linear Technology LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology LTC6409 Datasheet HTML 20Page - Linear Technology LTC6409 Datasheet HTML 21Page - Linear Technology LTC6409 Datasheet HTML 22Page - Linear Technology LTC6409 Datasheet HTML 23Page - Linear Technology LTC6409 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC6417
20
6417f
Figure 5. DC1685A Simplified Schematic with Suggested Bandpass Filter for Driving an LTC2209 16-Bit ADC at 140MHz
applicaTions inForMaTion
•
•
100
100
PWRADJ
GND
SHDN
CLHI
VOR
6417 F05
OUT+
OUT –
0.1µF
0.01µF
0.01µF
5V
2.2µF
3.3V
VCM
2.2µF
8
1,6,
11,16
3,7,10,
17, 20,21
5
12
15
14
2
9
19
18
T1
WBC4-14LB
10
10
R42
300
C45
18pF
E3
75nH
R43
300
1k
R53
120Ω
AIN+
AIN–
PGA = 0
LTC2209
IN+
V+
IN–
LTC6417
680pF
CLOCK
(153.6MHz)
16
4
6
3
2
1
VCM
C40
12pF
C41
12pF
E5
51nH
C10
12pF
C46
18pF
E3
75nH
R36
60.4
C43
27pF
E1
51nH
R12
60.4
C44
27pF
E2
51nH
50
+–
0
0
Table 1. Bandpass Filter Component Values for Different Input Frequencies
INPUT FREQUENCIES
COMPONENTS
70MHz
140MHz
270MHz
380MHz
R12 = R36
60.4Ω
60.4Ω
60.4Ω
60.4Ω
C43 = C44
56pF
27pF
15pF
12pF
E1 = E2
100nH
51nH
27nH
18nH
C41
47pF
12pF
12pF
10pF
C10 = C40
13pF
12pF
3.3pF
2.7pF
E5
100nH
51nH
27nH
18nH
R42 = R43
300Ω
300Ω
300Ω
300Ω
R53
120Ω
120Ω
120Ω
120Ω
C45 = C46
39pF
18pF
10pF
8.2pF
E3 = E4
150nH
75nH
39nH
27nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com