Electronic Components Datasheet Search
  English  ▼

X  

CT2555 Datasheet(PDF) 32 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 32 Page - Aeroflex Circuit Technology

Back Button CT2555 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 31Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 32Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 34Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 35Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 36Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Aeroflex Circuit Technology
32
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
45
D09
(5)
-0.4
-400
3.6
I/O Data Bus Bit 9.
46
D11
(5)
-0.4
-400
3.6
I/O Data Bus Bit 11.
47
D13
(5)
-0.4
-400
3.6
I/O Data Bus Bit 13.
48
D15
(5)
-0.4
-400
3.6
I/O Data Bus Bit 15 (MSB).
49
RTAD3
(5)
-0.4
-
-
Remote Terminal Address Bit 3.
50
RTAD2
(5)
-0.4
-
-
Remote Terminal Address Bit 2.
51
RTADP
(5)
-0.4
-
-
Remote Terminal Address Parity input.
52
SA/MC-2
-
-
-400
2.0
Subaddress/Mode Command Bit 2. B8 (MSB) counter.
53
SA/MC-4
-
-
-400
2.0
Subaddress/Mode Command Bit 4.
54
SA/MC-3
-
-
-400
2.0
Subaddress/Mode Command Bit 3.
55
THIS-RT
-
-
-400
2.0
Logic 0 pulse indicates receipt of a valid command word which contains
the Remote Terminal address equivalent to the RTADO-RTAD4 inputs.
56
RTPARERR
-
-
-400
2.0
RTU (address) Parity Error. Logic 0 indicates RTU address parity (odd
parity: RTADO-RTAD4, RTADP) has been violated.
57
T/R
-
-
-400
2.0
Transmit/Receive 1553 data. Latched T/R bit from current command
word.
58
+5VB
-
-
-
-
+5V power supply connection for the B channel transceiver.
59
TX/RX-B
-
-
-
-
Transmit/Receive transceiver-B. Inverted I/O to coupling transformer
that connects to channel B of the 1553 Bus.
60
A00
(5)
-0.4
-400
3.6
Address Bit 0 (LSB).
61
A02
(5)
-0.4
-400
3.6
Address Bit 2.
62
A04
(5)
-0.4
-400
3.6
Address Bit 4.
63
A06
(5)
-0.4
-400
3.6
Address Bit 6.
64
A08
(5)
-0.4
-400
3.6
Address Bit 8.
65
A10
(5)
-0.4
-400
3.6
Address Bit 10.
66
A12
(5)
-0.4
-400
3.6
Address Bit 12.
67
A14
(5)
-0.4
-400
3.6
Address Bit 14.
68
MEMWR
-
-
-400
4.0
Memory Write. Output pulse to write data into memory.
69
MEMENA-IN
±20
±0.02
-
-
Memory Enable In. Enables internal RAM only; connect directly to
MEMENA-OUT.
70
INCMD
-
-
-400
2.0
In Command. Indicates BC or RTU currently in message transfer
sequence.
71
MSTRCLR
(6)
-0.7
-
-
Master Clear. Power-on reset from CPU.
72
INT
-
-
-400
4.0
Interrupt. Interrupt pulse line to CPU.
73
IOEN
-
-
-400
4.0
Input/Output Enable. Output to enable external hybrid to the
address/data bus.
74
SELECT
(6)
-0.7
-
-
Select. Input from the CPU. When active, selects CT2553 for operation.
75
READYD
-
-
-400
4.0
Ready Data. When active indicates data has been received from, or is
available to, the CPU.
76
TAGEN
-
-
-400
4.0
Tag Enable. Enables an external time to counter for transferring the
time tag word into memory.
77
+5VA
-
-
-
-
+5V input/power supply for channel A transceiver.
78
TX/RX-A
-
-
-
-
Transmit/Receive transceiver-A. Inverted I/O to the coupling
transformer that connects to the A channel of the 1553 Bus.
1. IIH is specified at: VCC = 5.5V, VIH = 2.7V.
2. IIL is specified at: VCC = 5.5V, VIL = 0.4V.
3. IOH is specified at: VCC = 4.5V, VIH = 2.4V.
4. IOL is specified at: VCC = 4.5V, VIH = 0.4V.
5. Internal Pull-up Resistor = 30K Ohms, typ.
6. Internal Pull-up Resistor = 16K Ohms, typ.
7. Pin 13 = B6, Pin 15 = B7 and Pin 52 = B8 (MSB). B6, B7 and B8 are the MSB lines of an 8 BIT Counter used in the BC and MT
mode to count 32 WORD TRANSFERS to memory (16 words received off the bus) for a total of 128 DATA and Tag words (in
MT mode). (See pages 19 & 20 for discussion.)
Table 7A – CT2553 Pin Function Table (78 Pin DIP) (continued)
Pin
Name
IIH(µA) IIL(mA) IOH(µA) IOL(mA)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com