Electronic Components Datasheet Search
  English  ▼

X  

CT2555 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button CT2555 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Aeroflex Circuit Technology
6
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
CT2553
69
31
MEMENA OUT
MEMENA IN
ADDRESS BUS
CPU
MEMENA IN
MEMENA OUT
CS
CPU
16
ADDRESS BUS
10K
+5V
64K x 16
STATIC RAM
31
69
CT2553
MEMENA OUT
ADDRESS BUS
CPU
13
MEMENA IN
56 x 16K STATIC RAM MAX
8K
x
16
8K
x
16
8K
x
16
8K
x
16
8K
x
16
8K
x
16
8K
x
16
ADDRESS
DECODER
E
A
B
C
1
2
3
4
5
6
7
0
A13
A14
A15
31
69
CT2553
Figure 5 – Configuration Using Both Internal and External Memory
Figure 3 – Internal Memory Only
Figure 4 – External Memory Only
ADDRESS
DECODER
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com